Electronic Components Datasheet Search
  English  ▼

X  

ISD33060PI Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ISD33060PI
Description  Single-Chip Voice Record/Playback Devices 60-, 75-, 90-, and 120-Second Durations
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ISD33060PI Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ISD33060PI Datasheet HTML 5Page - List of Unclassifed Manufacturers ISD33060PI Datasheet HTML 6Page - List of Unclassifed Manufacturers ISD33060PI Datasheet HTML 7Page - List of Unclassifed Manufacturers ISD33060PI Datasheet HTML 8Page - List of Unclassifed Manufacturers ISD33060PI Datasheet HTML 9Page - List of Unclassifed Manufacturers ISD33060PI Datasheet HTML 10Page - List of Unclassifed Manufacturers ISD33060PI Datasheet HTML 11Page - List of Unclassifed Manufacturers ISD33060PI Datasheet HTML 12Page - List of Unclassifed Manufacturers ISD33060PI Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
 
5
ISD
J   ## & "& (  
 #& :*: "  5   & &
      &#   &
   ,    && :*: "
=$ H&  &&  J " 7;$ H&  #&+
&! ! # '& ! ; "  # +
 & " #&&! !) "  
 #& C "  #! "# 
 &#  &     C
& " #&&! #!# <&
0!" $$%."!*0$.+
 5 2  "  ..AAA &
&   +4 , & &
 "!   " 4   &#+
! 2 "<   N  "
&"  "< &  # 
 , ,   ## #+
  ! ,! !& & " C
 ####5## #&    #+
& C&   2 &  4 +
( ,  5 #( &
#  ,! !& & " C 
C ####5## #&   
#& C&  ! 4 & & +
## " & # !
& " ! & & <(  ,
 C 2 !  63    "4+
! C
& ## 2 & &  C
, C&  &!  &#! "&
 "5 &( &! C#&   " 
&#  ""& "#   ##
      2 &  ( &
 2 & ## , C 4 
If the XCLK is not used, this input should be
connected to ground.
!%(!1 !* ( +
&  & &  !    "
   " &  &! 4 
& C4   & & & & 
# & '4 ; B " ) 4
 &  &! '( ! & " &) 
 H9   ! & C  
    &  C#&   "
  2   4 &&& 
&! , & 2 , & #   +
 & &  #   
  9 ! &!&    +
 & &  A B 4 ; B "  &
" &   H9  & ""&  
 4    " !& 4 
&! #  # "  C
&C C !      %
 $ $"! *+
!%"
 ..AAA && & "#    & +
"    " & 4  "4!

  &"  &&#&   #+
F&   &" !&&  2  
"! ! "  3 J  ..AAA +
&(  & 2        &+
! 2 !  & 2    
   "! 2 !
1.
 &  &"& C! 4  "!
! "  
2.
 &   J !  & ##+
&   :*: C4 &&
3.
 & 2    &! 2 !
  & 2    "! 2
!
4.
   &   C
C!  , C &&!   
 J( &"!      &&
"   ..AAA , '& L 
##M  ! ;)
Table 1:
External Clock Input Precision
Power Regulation
Part
Number
Sample Rate
Required Clock

 
 

 
 

 
  

 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com