Electronic Components Datasheet Search
  English  ▼

X  

ISD33075PI Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # ISD33075PI
Description  Single-Chip Voice Record/Playback Devices 60-, 75-, 90-, and 120-Second Durations
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ISD33075PI Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button ISD33075PI Datasheet HTML 13Page - List of Unclassifed Manufacturers ISD33075PI Datasheet HTML 14Page - List of Unclassifed Manufacturers ISD33075PI Datasheet HTML 15Page - List of Unclassifed Manufacturers ISD33075PI Datasheet HTML 16Page - List of Unclassifed Manufacturers ISD33075PI Datasheet HTML 17Page - List of Unclassifed Manufacturers ISD33075PI Datasheet HTML 18Page - List of Unclassifed Manufacturers ISD33075PI Datasheet HTML 19Page - List of Unclassifed Manufacturers ISD33075PI Datasheet HTML 20Page - List of Unclassifed Manufacturers ISD33075PI Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
 
13
ISD
   ,     
   , ./     
/    ,   
+       

 0 10 10
 0 10 10
Table 8:
Absolute Maximum Ratings (Die)
Condition
Value
C7." .6%$*.7$
D;
."$*< .6%$*.7$ $*<
3D; ." ED;
9"(.*< *%%(+ ." *, %*+
=9 3 9> ."
=9 E  9>
9"(.*< *%%(+ ." *, %*+
=%7. 7$$. (6.+ ." F 61>
=9 3 9> ."
=9 E  9>
9"(.*< *%%(+ ." G ;0G
*+  %4 =%7. 7$$. (6.+ ."
F 61>
=9 3  9> ."
 9
9 39
3 9 ." E 9
Table 9:
Operating Conditions (Die)
Condition
Value
;"66$*( "%$*.<
.6%$*.7$ $*<
D; ." ED;
7%%(, '"(.*< =9>
E 9 ." E 9
I$"7+ '"(.*< =9>
9
Table 10: DC Parameters (Die)
Symbol
Parameters
Min(2)
Typ(1)
Max(2)
Units
Conditions
9
%7. 0"# 9"(.*<
9 H  9
9 
%7. <8 9"(.*<
9 H 
  9
9
7.%7. 0"# 9"(.*<
 9
 @ J1
9
1;G ?/ 7.%7. 0"# 9"(.*<
 9
 @ 61
9
7.%7. <8 9"(.*<
9 3 
9
 @ 3 J1

9 ;7$$. =%$*.<>
(*,)*5
"$+




61
61
 @ ∞ 
 @ ∞ 

9 ;7$$. =.*+),>

 J1
 

%7. 0*5*< ;7$$.
F J1

 /$4.*. ;7$$.

 J1

7.%7. 0"*+ 6%+*

Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com