Electronic Components Datasheet Search
  English  ▼

X  

PHP1-M Datasheet(PDF) 2 Page - CUI INC

Part # PHP1-M
Description  DC-DC CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PHP1-M Datasheet(HTML) 2 Page - CUI INC

  PHP1-M Datasheet HTML 1Page - CUI INC PHP1-M Datasheet HTML 2Page - CUI INC PHP1-M Datasheet HTML 3Page - CUI INC PHP1-M Datasheet HTML 4Page - CUI INC PHP1-M Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
cui.com
date 07/25/2016
│ page 2 of 5
CUI Inc
│ SERIES: PHP1-M │ DESCRIPTION: DC-DC CONVERTER
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage
3.3 Vdc input model
5 Vdc input models
12 Vdc input model
15 Vdc input model
2.97
4.5
10.8
13.5
3.3
5
12
15
3.63
5.5
13.2
16.5
Vdc
Vdc
Vdc
Vdc
OUTPUT
parameter
conditions/description
min
typ
max
units
maximum capacitive load1
5 Vdc output models
12 Vdc output model
15 Vdc output model
1000
330
220
μF
μF
μF
voltage accuracy
at Vin nominal, full load, see tolerance envelope curves
±5
%
line regulation
measured from low to high line, full load
±1
±1.5
%
load regulation
measured from 20~100% load
±6
±10
%
switching frequency
at Vin nominal
20
60
100
kHz
Note:
1. Maximum capacitive load is defined as the capacitive load that will allow start up in under 1 second without damage.
SAFETY AND COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output for 1 second
2,000
Vdc
isolation resistance
at 500 Vdc
10,000
MΩ
isolation capacitance
75
pF
safety approvals
UL/cUL (60950-1, 2nd Edition)
MTBF
as per MIL-HDBK-217F, full load, 25°C
as per MIL-HDBK-217F, full load, 85°C
2,992,000
955,000
hours
hours
RoHS
2011/65/EU
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
-40
100
°C
storage temperature
-55
125
°C
operating humidity
non-condensing
95
%
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
reflow soldering2
see reflow solder profile
245
°C
Note:
2. In accordance with JEDEC STD-020C.
For more information, please visit the product page.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com