Electronic Components Datasheet Search
  English  ▼

X  

LM3578A Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3578A
Description  Switching Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3578A Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM3578A Datasheet HTML 6Page - National Semiconductor (TI) LM3578A Datasheet HTML 7Page - National Semiconductor (TI) LM3578A Datasheet HTML 8Page - National Semiconductor (TI) LM3578A Datasheet HTML 9Page - National Semiconductor (TI) LM3578A Datasheet HTML 10Page - National Semiconductor (TI) LM3578A Datasheet HTML 11Page - National Semiconductor (TI) LM3578A Datasheet HTML 12Page - National Semiconductor (TI) LM3578A Datasheet HTML 13Page - National Semiconductor (TI) LM3578A Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Typical Applications (Continued)
Figure 15 is a 15V to 5V buck regulator with an output cur-
rent, I
o, of 350 mA. The circuit becomes discontinuous at
20% of I
o(max), has 10 mV of output voltage ripple, an effi-
ciency of 75%, a load regulation of 30 mV (70 mA to 350 mA)
and a line regulation of 10 mV (12
≤ V
in ≤ 18V).
Component values are selected as follows:
R1 = (V
o − 1) x R2 where R2 = 10 kΩ
R3 = V/I
sw(max)
R3 = 0.15
Ω
where:
V is the current limit sense voltage, 0.11V
I
sw(max) is the maximum allowable current thru the output
transistor.
L1 is the inductor and may be found from the inductance cal-
culation chart (
Figure 16) as follows:
Given
V
in = 15V
V
o = 5V
I
o(max) = 350 mA
f
OSC = 50 kHz
Discontinuous at 20% of I
o(max).
Note that since the circuit will become discontinuous at 20%
of I
o(max), the load current must not be allowed to fall below
70 mA.
Step 1: Calculate the maximum DC current through the in-
ductor, I
L(max). The necessary equations are indicated at the
top of the chart and show that I
L(max) = Io(max) for the buck
configuration. Thus, I
L(max) = 350 mA.
Step 2: Calculate the inductor Volts-sec product, E-T
op, ac-
cording to the equations given from the chart. For the Buck:
E-T
op = (Vin −Vo)(Vo/Vin) (1000/fosc)
=(15 − 5) (5/15) (1000/50)
= 66V-µs.
with the oscillator frequency, f
osc, expressed in kHz.
Step 3: Using the graph with axis labeled “Discontinuous At
% I
OUT” and “IL(max, DC)” find the point where the desired
maximum inductor current, I
L(max, DC) intercepts the desired
discontinuity percentage.
In this example, the point of interest is where the 0.35A line
intersects with the 20% line. This is nearly the midpoint of the
horizontal axis.
Step 4: This last step is merely the translation of the point
found in Step 3 to the graph directly below it. This is accom-
plished by moving straight down the page to the point which
intercepts the desired E-T
op. For this example, E-Top is
66V-µs and the desired inductor value is 470 µH. Since this
example was for 20% discontinuity, the bottom chart could
have been used directly, as noted in step 3 of the chart
instructions.
DS008711-5
FIGURE 14. Basic Buck Regulator
DS008711-6
Vin = 15V
R3 = 0.15
Ω
Vo = 5V
C1 = 1820 pF
Vripple = 10 mV
C2 = 220 µF
Io = 350 mA
C3 = 20 pF
fosc = 50 kHz
L1 = 470 µH
R1 = 40 k
Ω
D1 = 1N5818
R2 = 10 k
Ω
FIGURE 15. Buck or Step-Down Regulator
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com