Electronic Components Datasheet Search
  English  ▼

X  

PD60LA Datasheet(PDF) 1 Page - Copal Electronics

Part # PD60LA
Description  QUICK REFERENCE TABLE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PD60LA Datasheet(HTML) 1 Page - Copal Electronics

  PD60LA Datasheet HTML 1Page - Copal Electronics PD60LA Datasheet HTML 2Page - Copal Electronics PD60LA Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
QUICK REFERENCE TABLE
POLYGON LASER SCANNERS
PD30LA
PD40LA
PD40ERB
PD60ER
PD60EA
Ball bearing
Ball bearing
Ball bearing
Ball bearing
Ball bearing
6 ×
φ 40×36×φ 40×48×φ 40×68×φ 72×68×φ 55×6
λ/ 4
λ/ 6
λ/ 2
λ/ 4
λ/ 6
85 % minimum
λ= 780 nm
85 % minimum
λ= 780 nm
85 % minimum
λ= 780 nm
85 % minimum
λ= 780 nm
85 % minimum
λ= 685 nm
1500 ~ 2000
1600 ~ 2800
3000 ~ 8000
5490
1500 ~ 5000
120 / 60
60 / 30
90 / 60
60 / 30
60 / 30
0.04 / 0.02
0.6
0.4
12
0.8
0.4
15
1.0
0.5
15
2.2
0.4
6
0.1
0.6
30
0.03 / 0.01
0.06 / 0.04
24
0.03 / 0.015
0.03 / 0.015
Item
Model
Mirror size
Number of facets×
×
Inscribed circle
diameter Thickness (mm)
Bearing structure
Flatness
(Wave length
λ= 632.8 nm)
Reflectivity
Wave length:
λ
Incident angle: i = 30
°
Dynamic pyramidal angle error
Peak-peak / Adjacent
(s)
Speed range
(r/min)
Jitter
P-P (%) / RF (%)
Supply voltage
(V)
Start up current
(A)
Operating current
(A)
Start up time
(s)
■LIST OF TYPICAL MODELS


Similar Part No. - PD60LA

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
PD60 EDI-PD60 Datasheet
69Kb / 2P
SINGLE-PHASE FULL WAVE BRIDGE 1.5AMPERES THROUGH 5.0 AMPERES FOR P.C. BOARD AND POWER TERMINAL MOUNTING
logo
Analog Devices
PD60-1-1060 AD-PD60-1-1060 Datasheet
411Kb / 1P
MECHATRONIC DRIVES WITH STEPPER MOTOR
PD60-1060 AD-PD60-1060 Datasheet
411Kb / 1P
MECHATRONIC DRIVES WITH STEPPER MOTOR
logo
TRINAMIC Motion Control...
PD60-1160 TRINAMIC-PD60-1160 Datasheet
1Mb / 34P
Hardware Version V1.1 HARDWARE MANUAL
Rev. 1.02 2013-JUL-23
logo
Analog Devices
PD60-2-1060 AD-PD60-2-1060 Datasheet
411Kb / 1P
MECHATRONIC DRIVES WITH STEPPER MOTOR
More results

Similar Description - PD60LA

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393589-9 MACOM-2-1393589-9 Datasheet
28Kb / 1P
Cross reference table
logo
List of Unclassifed Man...
1827682-1 ETC2-1827682-1 Datasheet
2Mb / 4P
QUICK REFERENCE GUIDE
1888250-3 ETC2-1888250-3 Datasheet
1Mb / 6P
Quick Reference Guide
2013928-8 ETC2-2013928-8 Datasheet
1Mb / 4P
Quick Reference Guide
logo
Tyco Electronics
2110819-1 MACOM-2110819-1 Datasheet
4Mb / 6P
Quick Reference Guide
FTN59 MACOM-FTN59 Datasheet
550Kb / 6P
Quick Reference Guide
logo
Panasonic Semiconductor
KX-T7730 PANASONIC-KX-T7730 Datasheet
3Mb / 16P
Quick Reference Guide
logo
TE Connectivity Ltd
1-1773735-6 TEC-1-1773735-6 Datasheet
955Kb / 2P
QUICK REFERENCE GUIDE
logo
List of Unclassifed Man...
E288CC ETC1-E288CC Datasheet
246Kb / 7P
QUICK REFERENCE DATA
logo
NXP Semiconductors
LS1046A NXP-LS1046A Datasheet
424Kb / 1P
INTERFACE QUICK REFERENCE
REV 0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com