Electronic Components Datasheet Search
  English  ▼

X  

LT3089 Datasheet(PDF) 16 Page - Linear Integrated Systems

Part # LT3089
Description  800mA Single Resistor Rugged Linear Regulator with Monitors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT3089 Datasheet(HTML) 16 Page - Linear Integrated Systems

Back Button LT3089 Datasheet HTML 12Page - Linear Integrated Systems LT3089 Datasheet HTML 13Page - Linear Integrated Systems LT3089 Datasheet HTML 14Page - Linear Integrated Systems LT3089 Datasheet HTML 15Page - Linear Integrated Systems LT3089 Datasheet HTML 16Page - Linear Integrated Systems LT3089 Datasheet HTML 17Page - Linear Integrated Systems LT3089 Datasheet HTML 18Page - Linear Integrated Systems LT3089 Datasheet HTML 19Page - Linear Integrated Systems LT3089 Datasheet HTML 20Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
LT3089
16
3089f
For more information www.linear.com/LT3089
APPLICATIONS INFORMATION
Voltage and temperature coefficients are not the only
sources of problems. Some ceramic capacitors have a
piezoelectric response. A piezoelectric device generates
voltage across its terminals due to mechanical stress. In a
ceramic capacitor, the stress can be induced by vibrations
in the system or thermal transients.
Paralleling Devices
Higher output current is obtained by paralleling multiple
LT3089s together. Tie the individual SET pins together and
tie the individual IN pins together. Connect the outputs in
commonusingsmallpiecesofPCtraceasballastresistors
to promote equal current sharing. PC trace resistance in
milliohms/inch is shown in Table 2. Ballasting requires
only a tiny area on the PCB.
Table 2. PC Board Trace Resistance
WEIGHT (oz)
10mil WIDTH
20mil WIDTH
1
54.3
27.1
2
27.1
13.6
Trace resistance is measured in mΩ/in.
The worst-case room temperature offset, only ±1.5mV
between the SET pin and the OUT pin, allows the use of
very small ballast resistors.
As shown in Figure 9, each LT3089 has a small 20mΩ
ballast resistor, which at full output current gives better
than 80% equalized sharing of the current. The external
resistance of 20mΩ (10mΩ for the two devices in paral-
lel) only adds about 16mV of output regulation drop at an
output of 1.6A. Even with an output voltage as low as 1V,
thisonlyadds1.6%totheregulation.Ofcourse,paralleling
more than two LT3089s yields even higher output current.
Spreading the devices on the PC board also spreads the
heat. Series input resistors can further spread the heat if
the input-to-output difference is high.
If the increase in load regulation from the ballast resis-
tors is unacceptable, the IMON output can be used to
compensate for these drops (see Using IMON Cancels
Ballast Resistor Drop in the Typical Applications section).
Regulatorparallelingwithouttheuseofballastresistorsis
accomplished by comparing the IMON outputs of regula-
tors (see Load Current Sharing Without Ballasting in the
Typical Applications section).
Quieting the Noise
The LT3089 offers numerous noise performance advan-
tages. Every linear regulator has its sources of noise. In
general, a linear regulator’s critical noise source is the
reference. In addition, consider the error amplifier’s noise
contribution along with the resistor divider’s noise gain.
Many traditional low noise regulators bond out the voltage
reference to an external pin (usually through a large value
resistor) to allow for bypassing and noise reduction. The
LT3089 does not use a traditional voltage reference like
other linear regulators. Instead, it uses a 50µA reference
current. The 50µA current source generates noise current
levels of 18pA/√Hz (5.7nARMS over a 10Hz to 100kHz
bandwidth). The equivalent voltage noise equals the RMS
noise current multiplied by the resistor value.
The SET pin resistor generates spot noise equal to √4kTR
(k = Boltzmann’s constant, 1.38 • 10–23J/°K, and T is abso-
lute temperature) which is RMS summed with the voltage
noise. If the application requires lower noise performance,
bypassthevoltagesettingresistorwithacapacitortoGND.
Notethatthisnoise-reductioncapacitorincreasesstart-up
time as a factor of the RC time constant.
SET
+
–
LT3089
50µA
20m
20m
IN
VIN
4.8V TO 40V
VOUT
3.3V
1.6A
OUT
10µF
1µF
33k
3089 F09
SET
+
–
LT3089
50µA
IN
OUT
Figure 9. Parallel Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com