Electronic Components Datasheet Search
  English  ▼

X  

SA3229 Datasheet(PDF) 13 Page - ON Semiconductor

Part # SA3229
Description  Preconfigured DSP System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SA3229 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button SA3229 Datasheet HTML 8Page - ON Semiconductor SA3229 Datasheet HTML 9Page - ON Semiconductor SA3229 Datasheet HTML 10Page - ON Semiconductor SA3229 Datasheet HTML 11Page - ON Semiconductor SA3229 Datasheet HTML 12Page - ON Semiconductor SA3229 Datasheet HTML 13Page - ON Semiconductor SA3229 Datasheet HTML 14Page - ON Semiconductor SA3229 Datasheet HTML 15Page - ON Semiconductor SA3229 Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
RHYTHM SA3229
www.onsemi.com
13
standard programming boxes. I2C mode is a two−wire
interface which uses the SDA pin for bidirectional data and
CLK as the interface clock input. I2C programming support
is available on the HiPro (serial or USB versions) and
ON Semiconductor’s DSP Programmer 3.0.
Input Connection and Layout Considerations
It is recommended to connect unused audio input pins
directly to MGND to minimize the possibility of noise
pickup. Inputs are internally AC coupled, so there is no
additional leakage current when inputs are connected
directly to ground.
In order to further minimize noise at the inputs the following
guidelines are recommended:
• MGND is used as reference ground plane for input
signals. All input components should be grounded to
MGND. This ground plane should be isolated from all
other ground connections in the system.
• Keep the input traces as short as possible and avoid
routing traces near high noise sources such as the
OUT+ and OUT− pins
• Star ground input component grounds to the MGND
connection.
Unused trimmer inputs should also be connected to GND
.
ORDERING INFORMATION
Device
Package
Shipping†
SA3229−E1
25 Pad Hybrid
Case 127DZ
25 Units / Bubble Pack
SA3229−E1−T
25 Pad Hybrid
Case 127DZ
250 Units / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
Hybrid Jig Ordering Information
To order a Hybrid Jig Evaluation Board for SA3229 contact your Sales Account Manager or FAE and use part number
SA3404GEVB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com