Electronic Components Datasheet Search
  English  ▼

X  

TL594 Datasheet(PDF) 4 Page - ON Semiconductor

Part # TL594
Description  Precision Switchmode Pulse Width Modulation Control Circuit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TL594 Datasheet(HTML) 4 Page - ON Semiconductor

  TL594 Datasheet HTML 1Page - ON Semiconductor TL594 Datasheet HTML 2Page - ON Semiconductor TL594 Datasheet HTML 3Page - ON Semiconductor TL594 Datasheet HTML 4Page - ON Semiconductor TL594 Datasheet HTML 5Page - ON Semiconductor TL594 Datasheet HTML 6Page - ON Semiconductor TL594 Datasheet HTML 7Page - ON Semiconductor TL594 Datasheet HTML 8Page - ON Semiconductor TL594 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TL594
http://onsemi.com
4
Figure 1. Representative Block Diagram
Figure 2. Timing Diagram
Capacitor CT
Feedback/PWM Comp.
Deadtime Control
Flip−Flop
Clock Input
Flip−Flop
Q
Flip−Flop
Q
Output Q1
Emitter
Output Q2
Emitter
Output
Control
6
RT
CT
5
4
Deadtime
Control
Oscillator
≈ 0.12V
≈ 0.7V
0.7mA
+
1
−
−
+
−
+
+
2
−
D
Q
Ck
−
+
+
−
3.5V
4.9V
13
Reference
Regulator
Q1
Q2
8
9
11
10
12
VCC
VCC
12
3
15
16
14
7
Error Amp
1
Feedback PWM
Comparator Input
Ref.
Output
Gnd
UV
Lockout
Flip−
Flop
Output Control
Error Amp
2
Deadtime
Comparator
PWM
Comparator
Q
This device contains 46 active transistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com