Electronic Components Datasheet Search
  English  ▼

X  

LM3671 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3671
Description  2MHz , 600mA Step-Down DC-DC Converter in SOT23-5
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3671 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM3671 Datasheet HTML 8Page - National Semiconductor (TI) LM3671 Datasheet HTML 9Page - National Semiconductor (TI) LM3671 Datasheet HTML 10Page - National Semiconductor (TI) LM3671 Datasheet HTML 11Page - National Semiconductor (TI) LM3671 Datasheet HTML 12Page - National Semiconductor (TI) LM3671 Datasheet HTML 13Page - National Semiconductor (TI) LM3671 Datasheet HTML 14Page - National Semiconductor (TI) LM3671 Datasheet HTML 15Page - National Semiconductor (TI) LM3671 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Application Information (Continued)
TABLE 1. Suggested Inductors and Their Suppliers
Model
Vendor
Dimensions LxWxH(mm)
D.C.R (max)
DO3314-222MX
Coilcraft
3.3 x 3.3 x 1.4
200 m
Ω
LPO3310-222MX
Coilcraft
3.3 x 3.3 x 1.0
150 m
Ω
ELL5GM2R2N
Panasonic
5.2 x 5.2 x 1.5
53 m
Ω
CDRH2D14-2R2
Sumida
3.2 x 3.2 x 1.55
94 m
Ω
OUTPUT CAPACITOR SELECTION
Use a 22 µF, 6.3V ceramic capacitor. Use X7R or X5R types,
do not use Y5V. DC bias characteristics of ceramic capaci-
tors must be considered when selecting case sizes like 0805
and 0603. DC bias characteristics vary from manufacturer to
manufacturer and dc bias curves should be requested from
them as part of the capacitor selection process. The LM3671
has been evaluated with 22 µF, 6.3V, 0805 with worst case
tolerances including dc bias effects. The use of two 10 µF,
6.3V, 0805 caps will give an overall higher capacitance value
when dc bias is considered.
The output filter capacitor smoothes out current flow from the
inductor to the load, helps maintain a steady output voltage
during transient load changes and reduces output voltage
ripple. These capacitors must be selected with sufficient
capacitance and sufficiently low ESR to perform these func-
tions.
The output voltage ripple is caused by the charging and
discharging of the output capacitor and also due to its R
ESR
and can be calculated as:
Voltage peak-to-peak ripple due to capacitance can be ex-
pressed as follows
Voltage peak-to-peak ripple due to ESR can be expressed
as follows
V
PP-ESR = (2*IRIPPLE) * RESR
Because these two components are out of phase the rms
value can be used to get an approximate value of peak-to-
peak ripple.
Voltage peak-to-peak ripple, root mean squared can be ex-
pressed as follows
Note that the output voltage ripple is dependent on the
inductor current ripple and the equivalent series resistance
of the output capacitor (R
ESR).
The R
ESR is frequency dependent (as well as temperature
dependent); make sure the value used for calculations is at
the switching frequency of the part.
TABLE 2. Suggested Capacitors and Their Suppliers
Model
Type
Vendor
Voltage Rating
Case Size
Inch (mm)
22 µF for C
OUT
GRM21BR60J226K
Ceramic, X5R
Murata
6.3V
0805 (2012)
C2012X5R0J226K
Ceramic, X5R
TDK
6.3V
0805 (2012)
JMK212BJ226K
Ceramic, X5R
Taiyo-Yuden
6.3V
0805 (2012)
10 µF for C
IN
GRM21BR60J106K
Ceramic, X5R
Murata
6.3V
0805 (2012)
JMK212BJ106K
Ceramic, X5R
Taiyo-Yuden
6.3V
0805 (2012)
C2012X5R0J106K
Ceramic, X5R
TDK
6.3V
0805 (2012)
BOARD LAYOUT CONSIDERATIONS
PC board layout is an important part of DC-DC converter
design. Poor board layout can disrupt the performance of a
DC-DC converter and surrounding circuitry by contributing to
EMI, ground bounce, and resistive voltage loss in the traces.
These can send erroneous signals to the DC-DC converter
IC, resulting in poor regulation or instability.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com