Electronic Components Datasheet Search
  English  ▼

X  

LM4904 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4904
Description  1 Watt Audio Power Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4904 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4904 Datasheet HTML 1Page - National Semiconductor (TI) LM4904 Datasheet HTML 2Page - National Semiconductor (TI) LM4904 Datasheet HTML 3Page - National Semiconductor (TI) LM4904 Datasheet HTML 4Page - National Semiconductor (TI) LM4904 Datasheet HTML 5Page - National Semiconductor (TI) LM4904 Datasheet HTML 6Page - National Semiconductor (TI) LM4904 Datasheet HTML 7Page - National Semiconductor (TI) LM4904 Datasheet HTML 8Page - National Semiconductor (TI) LM4904 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LM4904
1 Watt Audio Power Amplifier
General Description
The LM4904 is an audio power amplifier primarily designed
for demanding applications in mobile phones and other por-
table communication device applications. It is capable of
delivering 1 watt of continuous average power to an 8
Ω BTL
load with less than 1% distortion (THD+N) from a 5V
DC
power supply.
Boomer audio power amplifiers were designed specifically to
provide high quality output power with a minimal amount of
external components. The LM4904 does not require output
coupling capacitors or bootstrap capacitors, and therefore is
ideally suited for mobile phone and other low voltage appli-
cations where minimal power consumption is a primary re-
quirement.
The LM4904 features a low-power consumption shutdown
mode, which is achieved by driving the shutdown pin with
logic high. Additionally, the LM4904 features an internal ther-
mal shutdown protection mechanism.
The LM4904 contains advanced pop & click circuitry which
eliminates noise which would otherwise occur during turn-on
and turn-off transitions.
The LM4904 is unity-gain stable and can be configured by
external gain-setting resistors.
Key Specifications
j Improved PSRR at 217Hz & 1KHz
62dB
j Power Output at 5.0V, 1% THD, 8
Ω
1.07W (typ)
j Power Output at 3.0V, 1% THD, 4
Ω
525mW (typ)
j Power Output at 3.0V, 1% THD, 8
Ω
390mW (typ)
j Shutdown Current
0.1µA (typ)
Features
n
Available in space-saving micro SMD package
n
Ultra low current shutdown mode
n
BTL output can drive capacitive loads
n
Improved pop & click circuitry eliminates noise during
turn-on and turn-off transitions
n
2.0 - 5.5V operation
n
No output coupling capacitors, snubber networks or
bootstrap capacitors required
n
Unity-gain stable
n
External gain configuration capability
Applications
n
Mobile Phones
n
PDAs
n
Portable electronic devices
Typical Application
Boomer® is a registered trademark of National Semiconductor Corporation.
200437B6
FIGURE 1. Typical Audio Amplifier Application Circuit
May 2004
© 2004 National Semiconductor Corporation
DS200437
www.national.com


Similar Part No. - LM4904

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4900 NSC-LM4900 Datasheet
772Kb / 19P
265mW at 3.3V Supply Audio Power Amplifier with Shutdown Mode
LM4900LD NSC-LM4900LD Datasheet
772Kb / 19P
265mW at 3.3V Supply Audio Power Amplifier with Shutdown Mode
LM4900M NSC-LM4900M Datasheet
772Kb / 19P
265mW at 3.3V Supply Audio Power Amplifier with Shutdown Mode
logo
Texas Instruments
LM4900M TI1-LM4900M Datasheet
994Kb / 19P
LM4900 Boomer Audio Power Amplifier Series 265mW at 3.3V Supply Audio Power Amplifier
logo
National Semiconductor ...
LM4900MM NSC-LM4900MM Datasheet
772Kb / 19P
265mW at 3.3V Supply Audio Power Amplifier with Shutdown Mode
More results

Similar Description - LM4904

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4890 NSC-LM4890 Datasheet
1Mb / 31P
1 Watt Audio Power Amplifier
LM4905 NSC-LM4905 Datasheet
686Kb / 17P
1 Watt Audio Power Amplifier
LM4903 NSC-LM4903 Datasheet
650Kb / 17P
1 Watt Audio Power Amplifier
LM4891 NSC-LM4891 Datasheet
733Kb / 20P
1 Watt Audio Power Amplifier
LM4907 NSC-LM4907 Datasheet
1Mb / 17P
1 Watt Audio Power Amplifier
logo
List of Unclassifed Man...
HWD2190 ETC1-HWD2190 Datasheet
1Mb / 32P
1 Watt Audio Power Amplifier
logo
Eutech Microelectronics...
EUA4890 EUTECH-EUA4890 Datasheet
406Kb / 14P
1 Watt Audio Power Amplifier
EUA4890A EUTECH-EUA4890A Datasheet
317Kb / 13P
1 Watt Audio Power Amplifier
logo
Texas Instruments
LM4889 TI-LM4889 Datasheet
1Mb / 27P
1 Watt Audio Power Amplifier
LM4890 TI-LM4890_15 Datasheet
1Mb / 36P
1 Watt Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com