Electronic Components Datasheet Search
  English  ▼

X  

QL4016 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # QL4016
Description  16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QL4016 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button QL4016 Datasheet HTML 10Page - List of Unclassifed Manufacturers QL4016 Datasheet HTML 11Page - List of Unclassifed Manufacturers QL4016 Datasheet HTML 12Page - List of Unclassifed Manufacturers QL4016 Datasheet HTML 13Page - List of Unclassifed Manufacturers QL4016 Datasheet HTML 14Page - List of Unclassifed Manufacturers QL4016 Datasheet HTML 15Page - List of Unclassifed Manufacturers QL4016 Datasheet HTML 16Page - List of Unclassifed Manufacturers QL4016 Datasheet HTML 17Page - List of Unclassifed Manufacturers QL4016 Datasheet HTML 18Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
© 2002 QuickLogic Corporation
www.quicklogic.com
15
•
•
•
•
•
•
QL4016 QuickRAM Data Sheet Rev I
84 PLCC Pinout Diagram
Figure 11: Top View of 84 Pin PLCC
84 PLCC Pinout Table
Table 13: 84 PLCC Pinout Table
84 PLCC
Function
84 PLCC
Function
84 PLCC
Function
84 PLCC
Function
1
I/O
22
ACLK/I
43
I/O
64
ACLK/I
2
I/O
23
I
44
I/O
65
I
3
I/O
24
GCLK/I
45
I/O
66
GCLK/I
4
VCCIO
25
VCC
46
VCCIO
67
VCC
5
I/O
26
I/O
47
I/O
68
I/O
6
I/O
27
I/O
48
I/O
69
I/O
7
I/O
28
I/O
49
I/O
70
I/O
8
I/O
29
I/O
50
I/O
71
I/O
9
I/O
30
I/O
51
I/O
72
I/O
10
I/O
31
I/O
52
TRSTB
73
I/O
11
TDO
32
I/O
53
TMS
74
I/O
12
I/O
33
TDI
54
I/O
75
TCK
13
I/O
34
I/O
55
I/O
76
STM
14
I/O
35
I/O
56
I/O
77
I/O
15
I/O
36
VCC
57
I/O
78
I/O
16
I/O
37
I/O
58
I/O
79
VCC
17
I/O
38
I/O
59
I/O
80
I/O
18
I/O
39
I/O
60
I/O
81
I/O
19
GND
40
GND
61
GND
82
GND
20
I/O
41
I/O
62
I/O
83
I/O
21
I
42
I/O
63
I
84
I/O
IO
IO
IO
IO
IO
IO
IO
VCC
GCLK/I
I
ACLK/I
I
IO
GND
IO
IO
IO
IO
IO
IO
IO
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
QL4016-1PF84C
QuickRAM
IO
IO
IO
IO
IO
IO
IO
GND
IO
I
ACLK/I
I
GCLK/I
VCC
IO
IO
IO
IO
IO
IO
IO
11 10 9 8 7 6 5 4 3 2 1 84 83 82 81 80 79 78 77 76 75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com