Electronic Components Datasheet Search
  English  ▼

X  

LM1851 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1851
Description  Ground Fault Interrupter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1851 Datasheet(HTML) 6 Page - National Semiconductor (TI)

  LM1851 Datasheet HTML 1Page - National Semiconductor (TI) LM1851 Datasheet HTML 2Page - National Semiconductor (TI) LM1851 Datasheet HTML 3Page - National Semiconductor (TI) LM1851 Datasheet HTML 4Page - National Semiconductor (TI) LM1851 Datasheet HTML 5Page - National Semiconductor (TI) LM1851 Datasheet HTML 6Page - National Semiconductor (TI) LM1851 Datasheet HTML 7Page - National Semiconductor (TI) LM1851 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Application Circuits (Continued)
in practice the actual value of C1 will have to be modified to
include the effects of the neutral loop upon the net charging
current The effect of neutral loop induced currents is diffi-
cult to quantize but typically they sum with normal fault cur-
rents thus allowing a larger value of C1
For UL943 requirements 0015 mF has been found to be
the best compromise between timing and noise
For those GFI standards not requiring grounded neutral de-
tection a still larger value capacitor can be used and better
noise immunity obtained The larger capacitor can be ac-
commodated because RN and RG are not present allowing
the full fault current I to enter the GFI
In
Figure 2 grounded neutral detection is accomplished by
feeding the neutral coil with 120 Hz energy continuously and
allowing some of the energy to couple into the sense trans-
former during conditions of neutral fault
Typical Application
TLH5177 – 6
Adjust RSET for desired sensitivity
FIGURE 2 120 Hz Neutral Transformer Approach
6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com