Electronic Components Datasheet Search
  English  ▼

X  

ISO7730 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7730
Description  High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7730 Datasheet(HTML) 3 Page - Texas Instruments

  ISO7730 Datasheet HTML 1Page - Texas Instruments ISO7730 Datasheet HTML 2Page - Texas Instruments ISO7730 Datasheet HTML 3Page - Texas Instruments ISO7730 Datasheet HTML 4Page - Texas Instruments ISO7730 Datasheet HTML 5Page - Texas Instruments ISO7730 Datasheet HTML 6Page - Texas Instruments ISO7730 Datasheet HTML 7Page - Texas Instruments ISO7730 Datasheet HTML 8Page - Texas Instruments ISO7730 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
GND1
GND2
9
8
EN1
EN2
10
7
NC
NC
11
6
OUTC
INC
12
5
INB
OUTB
13
4
INA
OUTA
14
3
GND1
GND2
15
2
VCC1
VCC2
16
1
GND1
GND2
9
8
NC
EN2
10
7
NC
NC
11
6
INC
OUTC
12
5
INB
OUTB
13
4
INA
OUTA
14
3
GND1
GND2
15
2
VCC1
VCC2
16
1
3
ISO7730, ISO7731
www.ti.com
SLLSES0B – SEPTEMBER 2016 – REVISED OCTOBER 2016
Product Folder Links: ISO7730 ISO7731
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
ISO7730 DW and DBQ Packages
16-Pin SOIC-WB and QSOP
Top View
ISO7731 DW and DBQ Packages
16-Pin SOIC-WB and QSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
ISO7730
ISO7731
VCC1
1
1
—
Power supply, VCC1
VCC2
16
16
—
Power supply, VCC2
INA
3
3
I
Input, channel A
INB
4
4
I
Input, channel B
INC
5
12
I
Input, channel C
OUTA
14
14
O
Output, channel A
OUTB
13
13
O
Output, channel B
OUTC
12
5
O
Output, channel C
EN1
—
7
I
Output enable 1. Output pins on side 1 are enabled when EN1 is high or
open and in high-impedance state when EN1 is low.
EN2
10
10
I
Output enable 2. Output pins on side 2 are enabled when EN2 is high or
open and in high-impedance state when EN2 is low.
NC
6, 7, 11
6, 11
—
Not connected
GND1
2, 8
2, 8
—
Ground connection for VCC1
GND2
9, 15
9, 15
—
Ground connection for VCC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com