Electronic Components Datasheet Search
  English  ▼

X  

MAX3243MDBREP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # MAX3243MDBREP
Description  3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ESD (HBM) PROTECTION
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX3243MDBREP Datasheet(HTML) 6 Page - Texas Instruments

Back Button MAX3243MDBREP Datasheet HTML 2Page - Texas Instruments MAX3243MDBREP Datasheet HTML 3Page - Texas Instruments MAX3243MDBREP Datasheet HTML 4Page - Texas Instruments MAX3243MDBREP Datasheet HTML 5Page - Texas Instruments MAX3243MDBREP Datasheet HTML 6Page - Texas Instruments MAX3243MDBREP Datasheet HTML 7Page - Texas Instruments MAX3243MDBREP Datasheet HTML 8Page - Texas Instruments MAX3243MDBREP Datasheet HTML 9Page - Texas Instruments MAX3243MDBREP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
www.ti.com
Switching Characteristics
(1)
AUTO-POWERDOWN SECTION
Electrical Characteristics
Switching Characteristics
MAX3243-EP
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV ESD (HBM) PROTECTION
SGLS328A – MARCH 2006 – REVISED MAY 2006
Electrical Characteristics (continued)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 6)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
Ioff
Output leakage current (except ROUT2B)
FORCEOFF = 0 V
±0.05
±10
µA
rI
Input resistance
VI = ±3 V or ±25 V
3
5
8
k
Ω
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TYP(2)
UNIT
tPLH
Propagation delay time, low- to high-level output
CL = 150 pF, See Figure 3
150
ns
tPHL
Propagation delay time, high- to low-level output
150
ns
ten
Output enable time
CL = 150 pF, RL = 3 kΩ, See Figure 4
200
ns
tdis
Output disable time
200
ns
tsk(p)
Pulse skew(3)
See Figure 3
50
ns
(1)
Test conditions are C1–C4 = 0.1
µF at V
CC = 3.3 V ± 0.3 V; C1 = 0.047 µF, C2–C4 = 0.33 µF at VCC = 5 V ±0.5 V.
(2)
All typical values are at VCC = 3.3 V or VCC = 5 V and TA = 25°C.
(3)
Pulse skew is defined as |tPLH - tPHL| of each channel of the same device.
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 5)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Receiver input threshold for INVALID
VIT+(valid)
FORCEON = GND, FORCEOFF = VCC
2.7
V
high-level output voltage
Receiver input threshold for INVALID
VIT–(valid)
FORCEON = GND, FORCEOFF = VCC
–2.7
V
high-level output voltage
Receiver input threshold for INVALID
VT(invalid)
FORCEON = GND, FORCEOFF = VCC
–0.3
0.3
V
low-level output voltage
IOH = -1 mA, FORCEON = GND, FORCEOFF =
VCC – 0.
VOH
INVALID high-level output voltage
V
VCC
6
IOL = 1.6 mA, FORCEON = GND, FORCEOFF =
VOL
INVALID low-level output voltage
0.4
V
VCC
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 5)
PARAMETER
TEST CONDITIONS
TYP(1)
UNIT
tvalid
Propagation delay time, low- to high-level output
VCC = 5 V
1
µs
tinvalid
Propagation delay time, high- to low-level output
VCC = 5 V
30
µs
ten
Supply enable time
VCC = 5 V
100
µs
(1)
All typical values are at VCC = 3.3 V or VCC = 5 V and TA = 25°C.
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com