Electronic Components Datasheet Search
  English  ▼

X  

OPA2227MDEP Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA2227MDEP
Description  HIGH PRECISION, LOW NOISE OPERATIONAL AMPLIFIER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2227MDEP Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA2227MDEP Datasheet HTML 9Page - Texas Instruments OPA2227MDEP Datasheet HTML 10Page - Texas Instruments OPA2227MDEP Datasheet HTML 11Page - Texas Instruments OPA2227MDEP Datasheet HTML 12Page - Texas Instruments OPA2227MDEP Datasheet HTML 13Page - Texas Instruments OPA2227MDEP Datasheet HTML 14Page - Texas Instruments OPA2227MDEP Datasheet HTML 15Page - Texas Instruments OPA2227MDEP Datasheet HTML 16Page - Texas Instruments OPA2227MDEP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
100kΩ
V
OUT
1
2
3
OPA2227
22pF
10Ω
Device
Under
Test
R
4
9.09kΩ
R
3
1kΩ
R
7
97.6kΩ
R
6
40.2kΩ
C
2
1µF
C
1
1µF
C
3
0.47µF
C
4
22nF
R
2
2MΩ
R
8
402kΩ
R
5
634kΩ
Input from
Device
Under
Test
R
1
2MΩ
(OPA2227)
U1
(OPA2227)
U2
1
2
3
R
10
226kΩ
R
9
178kΩ
C
5
0.47µF
C
6
10nF
R
11
178kΩ
(OPA2227)
U2
7
V
OUT
6
5
OPA2227-EP
www.ti.com
SBOS594A – MARCH 2012 – REVISED NOVEMBER 2012
Figure 6 shows the 0.1-Hz to 10-Hz bandpass filter used to test the noise of the OPA2227. The filter circuit was
designed using Texas Instruments’ FilterPro software (available at www.ti.com). Figure 7 shows the configuration
of the OPA2227 for noise testing.
Figure 6. 0.1-Hz to 10-Hz Bandpass Filter Used to Test Wideband Noise of the OPA2227
Figure 7. Noise Test Circuit
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: OPA2227-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com