Electronic Components Datasheet Search
  English  ▼

X  

LM1863 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1863
Description  AM Radio System for Electronically Tuned Radios
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1863 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM1863 Datasheet HTML 2Page - National Semiconductor (TI) LM1863 Datasheet HTML 3Page - National Semiconductor (TI) LM1863 Datasheet HTML 4Page - National Semiconductor (TI) LM1863 Datasheet HTML 5Page - National Semiconductor (TI) LM1863 Datasheet HTML 6Page - National Semiconductor (TI) LM1863 Datasheet HTML 7Page - National Semiconductor (TI) LM1863 Datasheet HTML 8Page - National Semiconductor (TI) LM1863 Datasheet HTML 9Page - National Semiconductor (TI) LM1863 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
IC External Components (See Application Circuit)
Component
Typical Value
Comments
C1
22 mF
Sets dominant AGC pole affects stop time
and THD
C2
1 mF
Sets non-dominant AGC pole affects stop
time and THD
C3
033 mF
Stop level threshold decoupling affects
stop time and sensitivity of stop detector to
large modulation peaks
C4
10 mF
Supply decoupling low frequency
C5
01 mF
Supply decoupling high frequency
C6
1 mF
IF decouple affects IF gain
C7
0005 mF
Audio output filter removes IF ripple from
detector
C8
10 mF
Regulator decouple low frequency
C9
01 mF
Regulator decouple high frequency
C10
470 pF
Pad capacitor for varactor affects tracking
C11
2 mF
RF AGC decouple affects stop time and
THD
C12
033 mF
RF AGC high frequency decouple
C14
01 mF
Local oscillator output coupling
C19
0001 mF
Sets gain at high end of AM band
C26
0005 mF
Sets gain at low end of AM band
C28
001 mF
Couples RF stage output to mixer input
keep small to insure proper stop time
performance when RF AGC is active
R1
300k Pot
Sets level stop threshold
R2
12k
Sets size of stop window
R3
50k
Open collector pull up resistor
R4
1k3
IF filter termination and gain set
R5
10k
Sets RC time constant on audio outputs
smaller values may cause distortion of high
frequencies
R6
200k
Sets gain of IF stage affects noise floor and
sensitivity
R7
Meter Dependent
Sets full-scale deflection of meter
R8
100k
Sets gain and threshold of RF AGC
R9
100X
Aids mixer output decoupling
R19
10k
Sets 2‘nd pole in RF AGC affects THD for
large input signals
R21
12 MX
Biases pin 5 to 04 volts which permits
shorter stop time
R24
820X
Sets system gain
D1 D2 D3
TOKO
Varactor diodes
KV1235Z or
Equivalent
Resonator
450 kHz g 1 kHz
Parallel type resonator
Murata
BFU450C4N
IF filter
Murata
Sets selectivity and tone response
CFU450F5
Murata
2200 Lake Park Drive
Smyrna GA 30080
(404) 436-1300
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com