Electronic Components Datasheet Search
  English  ▼

X  

OPA4872MDREP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4872MDREP
Description  4:1 HIGH-SPEED MULTIPLEXER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4872MDREP Datasheet(HTML) 2 Page - Texas Instruments

  OPA4872MDREP Datasheet HTML 1Page - Texas Instruments OPA4872MDREP Datasheet HTML 2Page - Texas Instruments OPA4872MDREP Datasheet HTML 3Page - Texas Instruments OPA4872MDREP Datasheet HTML 4Page - Texas Instruments OPA4872MDREP Datasheet HTML 5Page - Texas Instruments OPA4872MDREP Datasheet HTML 6Page - Texas Instruments OPA4872MDREP Datasheet HTML 7Page - Texas Instruments OPA4872MDREP Datasheet HTML 8Page - Texas Instruments OPA4872MDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
50W
+5V
50W
523W
OPA695
-5V
+5V
50W
511W
511W
OPA695
-5V
+5V
50W
453W
149W
OPA695
-5V
+5V
-5V
+5V
50W
402W
57.6W
OPA4872
OPA695
-5V
50W
To50
Load
W
Logic
IN0
IN1
IN2
IN3
A0 A1
523W
523W
SD
EN
2-Bit,High-SpeedPGA,GreaterThan300MHzChannelBandwidth
G=1V/V
G=2V/V
G=4V/V
G=8V/V
OPA4872-EP
SBOS444 – DECEMBER 2008........................................................................................................................................................................................... www.ti.com
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): OPA4872-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com