Electronic Components Datasheet Search
  English  ▼

X  

REF3220-EP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # REF3220-EP
Description  SOT23-6 SERIES VOLTAGE REFERENCES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3220-EP Datasheet(HTML) 6 Page - Texas Instruments

Back Button REF3220-EP Datasheet HTML 2Page - Texas Instruments REF3220-EP Datasheet HTML 3Page - Texas Instruments REF3220-EP Datasheet HTML 4Page - Texas Instruments REF3220-EP Datasheet HTML 5Page - Texas Instruments REF3220-EP Datasheet HTML 6Page - Texas Instruments REF3220-EP Datasheet HTML 7Page - Texas Instruments REF3220-EP Datasheet HTML 8Page - Texas Instruments REF3220-EP Datasheet HTML 9Page - Texas Instruments REF3220-EP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
TEMPERATURE DRIFT
(0
_C to +125_C)
0.5
1.5
2.5
3.5
4.5
Drift (ppm/
_C)
7
6.5
6
5
4
3
2
1
5.5
TEMPERATURE DRIFT
(
−40_C to +125_C)
1 2 3 4 5 6 7 8 9
Drift (ppm/
_C)
17 18 19 20
16
15
14
13
12
11
10
OUTPUT VOLTAGE ACCURACY
vs TEMPERATURE
0.12
0.08
0.04
0
−0.04
−0.08
−0.12
−50
−25
0
+25
+50
+75
+100
+125
Temperature (°C )
DROPOUT VOLTAGE
vs LOAD CURRENT
160
140
120
100
80
60
40
20
0
−15
15
10
5
0
−5
−10
Load Current (mA)
−40_C
+25
_C
+125
_C
QUIESCENT CURRENT
vs TEMPERATURE
130
120
110
100
90
80
70
−50
−25
0
+25
+50
+75
+125
+100
Temperature (
_C)
POWER−SUPPLY REJECTION RATIO
vs FREQUENCY
100
90
80
70
60
50
40
30
20
10
1
10
100
1k
10k
100k
Frequency (Hz)
REF3212-EP, REF3220-EP, REF3225-EP
REF3230-EP, REF3233-EP, REF3240-EP
SBVS078B
– OCTOBER 2006 – REVISED AUGUST 2011
www.ti.com
TYPICAL CHARACTERISTICS
TA = 25°C, ILOAD = 0 mA, VIN = 5 V power supply, REF3225 is used for typical characteristics (unless otherwise noted)
6
Submit Documentation Feedback
Copyright
© 2006–2011, Texas Instruments Incorporated
Product Folder Link(s): REF3212-EP, REF3220-EP, REF3225-EP REF3230-EP, REF3233-EP, REF3240-EP
Not Recommended For
New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com