Electronic Components Datasheet Search
  English  ▼

X  

REF3240-EP Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # REF3240-EP
Description  SOT23-6 SERIES VOLTAGE REFERENCES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3240-EP Datasheet(HTML) 15 Page - Texas Instruments

Back Button REF3240-EP Datasheet HTML 11Page - Texas Instruments REF3240-EP Datasheet HTML 12Page - Texas Instruments REF3240-EP Datasheet HTML 13Page - Texas Instruments REF3240-EP Datasheet HTML 14Page - Texas Instruments REF3240-EP Datasheet HTML 15Page - Texas Instruments REF3240-EP Datasheet HTML 16Page - Texas Instruments REF3240-EP Datasheet HTML 17Page - Texas Instruments REF3240-EP Datasheet HTML 18Page - Texas Instruments REF3240-EP Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
+2.5V
+5V
1
2
5
6
3
4
Note:Bypasscapacitorisnotshown.
R
1
10k
W
R
2
10k
W
+5V
OPA735
REF3225
-
2.5V
-
5V
ADS7822
REF3233
V
CC
CS
D
OUT
DCLOCK
V
REF
+In
-In
GND
GND
V
IN
V
S
+
+
5 W
1 Fto10 F
m
m
0.1 F
m
V+
3.3V
2
1
3
5
6
4
Microcontroller
1 Fto10 F
m
m
0.47 F
m
REF3212-EP, REF3220-EP, REF3225-EP
REF3230-EP, REF3233-EP, REF3240-EP
www.ti.com
SBVS078B
– OCTOBER 2006 – REVISED AUGUST 2011
APPLICATION CIRCUITS
Negative Reference Voltage
For applications requiring a negative and positive reference voltage, the REF32xx and OPA735 can be used to
provide a dual-supply reference from a 5-V supply. Figure 8 shows the REF3225 used to provide a 2.5-V supply
reference voltage. The low drift performance of the REF32xx complements the low offset voltage and zero drift of
the OPA735 to provide an accurate solution for split-supply applications. Care must be taken to match the
temperature coefficients of R1 and R2.
Figure 8. REF3225 Combined With OPA735 to Create Positive and Negative Reference Voltages
Data Acquisition
Data acquisition systems often require stable voltage references to maintain accuracy. The REF32xx family
features stability and a wide range of voltages suitable for most microcontrollers and data converters. Figure 9,
Figure 10, and Figure 11 show basic data acquisition systems.
Figure 9. Basic Data Acquisition System 1
Copyright
© 2006–2011, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): REF3212-EP, REF3220-EP, REF3225-EP REF3230-EP, REF3233-EP, REF3240-EP
Not Recommended For
New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com