Electronic Components Datasheet Search
  English  ▼

X  

WCS2801 Datasheet(PDF) 1 Page - Winson Semiconductor Corp.

Part # WCS2801
Description  Low noise analog signal path
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSON [Winson Semiconductor Corp.]
Direct Link  http://www.winson.com.tw
Logo WINSON - Winson Semiconductor Corp.

WCS2801 Datasheet(HTML) 1 Page - Winson Semiconductor Corp.

  WCS2801 Datasheet HTML 1Page - Winson Semiconductor Corp. WCS2801 Datasheet HTML 2Page - Winson Semiconductor Corp. WCS2801 Datasheet HTML 3Page - Winson Semiconductor Corp. WCS2801 Datasheet HTML 4Page - Winson Semiconductor Corp. WCS2801 Datasheet HTML 5Page - Winson Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
WCS2801
Winson reserves the right to make changes to improve reliability or manufacturability.
©Winson, 2016/10/12
Hall Effect Base Linear Current Sensor
Features:
Low noise analog signal path
98 mΩ internal conductor resistance
Output voltage proportional to AC and DC current
Min. sensing current 0~1.0A at 5V voltage supply
High Sensitivity 2 mV/mA
Wide operating voltage range 3.0~12 V.
Low operating current 3mA
Nearly zero magnetic hysteresis
Ratiometric output from supply voltage
10K Hz bandwidth
Functional Description :
The Winson WCS2801 provides economical and precise solution for both DC and
AC current sensing in industrial, commercial and communications systems. The
unique package allows for easy implementation by the customer. Typical applications
include motor control, load detection and management, over-current fault detection
and any intelligent power management system etc…
The WCS2801 consists of a precise, low-temperature drift linear hall sensor IC
with temperature compensation circuit and a current path with 98 mΩ typical
internal conductor resistance. This extremely low resistance can effectively reduce
power loss, operating temperature and increase the reliability greatly. Applied
current flowing through this conduction path generates a magnetic field which is
sensed by the integrated Hall IC and converted into a proportional voltage.
The terminals of the conductive path are electrically isolated from the sensor
leads. This allow the WCS2801 current sensor to be used in applications requiring
electrical isolation without the use of opto-isolators or other costly isolation
techniques and make system more competitive in cost.


Similar Part No. - WCS2801

ManufacturerPart #DatasheetDescription
logo
DIWELL Electronics Co.,...
WCS2801 DIWELL-WCS2801 Datasheet
635Kb / 5P
Hall Effect Base Linear Current Sensor
2016/10/12
logo
Winson Semiconductor Co...
WCS2801 WINSON-WCS2801_17 Datasheet
642Kb / 5P
Hall Effect Base Linear Current Sensor
More results

Similar Description - WCS2801

ManufacturerPart #DatasheetDescription
logo
Agere Systems
A1750A AGERE-A1750A Datasheet
94Kb / 8P
A1750A DWDM Analog Forward-Path or Return-Path Laser Module
June 2001
A1751A AGERE-A1751A Datasheet
85Kb / 10P
A1751A DWDM Analog Forward-Path or Return-Path Laser Modules
June 2001
logo
Panasonic Semiconductor
MN3207 PANASONIC-MN3207 Datasheet
241Kb / 5P
1024-Stage Low Voltage Operation, Low Noise BBD for Analog Signal Delays
logo
List of Unclassifed Man...
1221L-002 ETC2-1221L-002 Datasheet
530Kb / 7P
LOW NOISE ANALOG ACCELEROMETER
logo
Texas Instruments
ADS1220 TI-ADS1220 Datasheet
2Mb / 54P
Low-Power, Low-Noise, 24-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120 TI1-ADS1120_14 Datasheet
2Mb / 60P
Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
logo
Curtis Electromusic.
CEM3387 CES-CEM3387 Datasheet
1Mb / 10P
LOW NOISE V.C SIGNAL PROCESSOR
logo
Renesas Technology Corp
F0109 RENESAS-F0109 Datasheet
1Mb / 17P
Dual Path Ultra-Low Noise Amplifier 650MHz to 1000MHz
Jan 13, 2022
F0110 RENESAS-F0110 Datasheet
1Mb / 17P
Dual Path Ultra-Low Noise Amplifier 1500MHz to 2300MHz
Jan 13, 2022
F0111 RENESAS-F0111 Datasheet
1Mb / 21P
Dual Path Ultra-Low Noise Amplifier 2200MHz to 4200MHz
Jan 13, 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com