Electronic Components Datasheet Search
  English  ▼

X  

TLV70231DBVT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70231DBVT
Description  TLV702 300-mA, Low-IQ, Low-Dropout Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV70231DBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV70231DBVT Datasheet HTML 3Page - Texas Instruments TLV70231DBVT Datasheet HTML 4Page - Texas Instruments TLV70231DBVT Datasheet HTML 5Page - Texas Instruments TLV70231DBVT Datasheet HTML 6Page - Texas Instruments TLV70231DBVT Datasheet HTML 7Page - Texas Instruments TLV70231DBVT Datasheet HTML 8Page - Texas Instruments TLV70231DBVT Datasheet HTML 9Page - Texas Instruments TLV70231DBVT Datasheet HTML 10Page - Texas Instruments TLV70231DBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
100
90
80
70
60
50
40
30
20
10
0
10
100
1k
10k
100k
1M
10M
Frequency(Hz)
I
=150mA
OUT
I
=10mA
OUT
V
V
=0.5V
IN
OUT
-
700
600
500
400
300
200
100
0
2.3
2.7
3.1
3.5
3.9
4.3
4.7
V
(V)
IN
5.5
5.1
V
=1.8V
OUT
+125 C
°
+85 C
°
+25 C
°
-40 C
°
50
45
40
35
30
25
20
15
10
5
0
-40 -25 -10
5
20
35
50
65
80
95
110
Temperature( C)
°
125
V
=1.8V
OUT
2.5
2
1.5
1
0.5
0
2.1
2.6
3.1
3.6
4.1
4.6
5.1
V
(V)
IN
5.6
+125 C
°
+85 C
°
+25 C
°
-40 C
°
V
=1.8V
OUT
50
45
40
35
30
25
20
15
10
5
0
2.1
2.6
3.1
3.6
4.1
4.6
5.1
V
(V)
IN
5.6
+125 C
°
+85 C
°
+25 C
°
-40 C
°
V
=1.8V
OUT
450
400
350
300
250
200
150
100
50
0
0
I
(mA)
OUT
300
+125 C
°
+85 C
°
+25 C
°
-40 C
°
V
=1.8V
OUT
50
150
250
100
200
TLV702
www.ti.com
SLVSAG6C – SEPTEMBER 2010 – REVISED MARCH 2015
Typical Characteristics (continued)
Over operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(nom) + 0.5 V or 2 V, whichever is greater; IOUT = 10 mA,
VEN = VIN, COUT = 1 μF, unless otherwise noted. Typical values are at TJ = 25°C.
Figure 7. Ground Pin Current vs Input Voltage
Figure 8. Ground Pin Current vs Load
Figure 9. Ground Pin Current vs Temperature
Figure 10. Shutdown Current vs Input Voltage
Figure 11. Current Limit vs Input Voltage
Figure 12. Power-Supply Ripple Rejection vs Frequency
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TLV702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com