Electronic Components Datasheet Search
  English  ▼

X  

ICF Datasheet(PDF) 13 Page - Murata Power Solutions Inc.

Part # ICF
Description  Wide Input 1000 Watt Isolated Full Brick DC-DC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ICF Datasheet(HTML) 13 Page - Murata Power Solutions Inc.

Back Button ICF Datasheet HTML 8Page - Murata Power Solutions Inc. ICF Datasheet HTML 9Page - Murata Power Solutions Inc. ICF Datasheet HTML 10Page - Murata Power Solutions Inc. ICF Datasheet HTML 11Page - Murata Power Solutions Inc. ICF Datasheet HTML 12Page - Murata Power Solutions Inc. ICF Datasheet HTML 13Page - Murata Power Solutions Inc. ICF Datasheet HTML 14Page - Murata Power Solutions Inc. ICF Datasheet HTML 15Page - Murata Power Solutions Inc. ICF Datasheet HTML 16Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
www.murata-ps.com/support
MDC_ICF_A01 Page 13 of 16
ICF Series
Wide Input 1000 Watt Isolated Full Brick DC-DC
Characteristic Waveforms – ICF0536V1
Fig. 17: Turn-on by ON/OFF transient (Vin applied) at full rated load current
(resistive) at Vin = 24V. Top trace (C1): ON/OFF signal (5 V/div.). Bottom
trace (C4): Output voltage (10 V/div.). Time: 5 ms/div.
Fig. 19: Output voltage response to load current step change 50% - 75%-
50% (18A–28.5A–18A) with di/dt =1A/µs at Vin = 24V . Top trace (C4):
Output voltage (200 mV/div.). Bottom trace (C3): Load current (10A/div.).
Co = 470µF/70m . Time: 1ms/div.
Fig. 21: Output voltage ripple (100 mV/div.) at full rated load current into a
resistive load at Vin = 24 V. Co = 470 µF/70m . Time: 2 µs/div.
Fig. 18: Turn-on by Vin (ON/OFF high) transient at full rated load current
(resistive) at Vin = 24V. Top trace (C2): Input voltage Vin (10 V/div.).
Bottom trace (C4): Output voltage (10 V/div.). Time: 100 ms/div.
Fig. 20: Output voltage response to load current step change 50% - 100%-
50% (18A–36A–18A) with di/dt =1A/µs at Vin = 24V . Top trace (C4): Output
voltage (500 mV/div.). Bottom trace (C3): Load current (10A/div.).
Co =
470 µF/70m . Time: 1ms/div.
Fig. 22: Input reflected ripple current, ic (500 mA/div.), measured at input
terminals at full rated load current at Vin = 24 V. Refer to Fig. 2 for test
setup. Time: 2 µs/div. RMS input ripple current is 4.968*0.5A = 2.48Arms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com