Electronic Components Datasheet Search
  English  ▼

X  

LVC4245A Datasheet(PDF) 6 Page - Texas Instruments

Part # LVC4245A
Description  OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LVC4245A Datasheet(HTML) 6 Page - Texas Instruments

Back Button LVC4245A Datasheet HTML 2Page - Texas Instruments LVC4245A Datasheet HTML 3Page - Texas Instruments LVC4245A Datasheet HTML 4Page - Texas Instruments LVC4245A Datasheet HTML 5Page - Texas Instruments LVC4245A Datasheet HTML 6Page - Texas Instruments LVC4245A Datasheet HTML 7Page - Texas Instruments LVC4245A Datasheet HTML 8Page - Texas Instruments LVC4245A Datasheet HTML 9Page - Texas Instruments LVC4245A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
www.ti.com
Switching Characteristics
Operating Characteristics
Power-up Considerations(1)
SN74LVC4245A-EP
OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER
WITH 3-STATE OUTPUTS
SCAS742 – DECEMBER 2003 – REVISED AUGUST 2005
over recommended operating free-air temperature range, C
L = 50 pF (unless otherwise noted) (see Figure 1 and Figure 2)
VCCA = 5 V ± 0.5 V,
FROM
TO
VCCB = 2.7 V to 3.6 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
tPHL
1
6.3
A
B
ns
tPLH
1
6.7
tPHL
1
6.1
B
A
ns
tPLH
1
5
tPZL
1
9
OE
A
ns
tPZH
1
8.1
tPZL
1
8.8
OE
B
ns
tPZH
1
9.8
tPLZ
1
7
OE
A
ns
tPHZ
1
5.8
tPLZ
1
7.7
OE
B
ns
tPHZ
1
7.8
V
CCA = 4.5 V to 5.5 V, VCCB = 2.7 V to 3.6 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Outputs enabled
39.5
Cpd
Power dissipation capacitance per transceiver
CL = 0,
f = 10 MHz
pF
Outputs disabled
5
TI level-translation devices offer an opportunity for successful mixed-voltage signal design. A proper power-up
sequence always should be followed to avoid excessive supply current, bus contention, oscillations, or other
anomalies caused by improperly biased device pins. Take these precautions to guard against such power-up
problems.
1. Connect ground before any supply voltage is applied.
2. Power up the control side of the device (VCCA for all four of these devices).
3. Tie OE to VCCA with a pullup resistor so that it ramps with VCCA.
4. Depending on the direction of the data path, DIR can be high or low. If DIR high is needed (A data to B bus),
ramp it with VCCA. Otherwise, keep DIR low.
(1)
Refer to the TI application report, Texas Instruments Voltage-Level-Translation Devices, literature number SCEA021.
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com