Electronic Components Datasheet Search
  English  ▼

X  

SP339BER1-L/TR Datasheet(PDF) 13 Page - Exar Corporation

Part # SP339BER1-L/TR
Description  TRANSCEIVER WITH INTERNAL TERMINATION
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP339BER1-L/TR Datasheet(HTML) 13 Page - Exar Corporation

Back Button SP339BER1-L/TR Datasheet HTML 9Page - Exar Corporation SP339BER1-L/TR Datasheet HTML 10Page - Exar Corporation SP339BER1-L/TR Datasheet HTML 11Page - Exar Corporation SP339BER1-L/TR Datasheet HTML 12Page - Exar Corporation SP339BER1-L/TR Datasheet HTML 13Page - Exar Corporation SP339BER1-L/TR Datasheet HTML 14Page - Exar Corporation SP339BER1-L/TR Datasheet HTML 15Page - Exar Corporation SP339BER1-L/TR Datasheet HTML 16Page - Exar Corporation SP339BER1-L/TR Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
FIGURE 3. MODE 10 - RS-485 HALF DUPLEX
L1 = 1
L2
L3
L6 = 1
L8 = 1
L9 = 1
Vcc
R1
T1
R2
120Ω
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
1
2
3
4
5
6
7
8
9
10
30
29
28
27
26
25
24
23
22
21
All pull-downs 330kΩ
C3
0.1µF
C2
0.1µF
C1
0.1µF
C4
0.1µF
Cc
1.0µF
SP339B
13
REV. 1.0.0
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com