Electronic Components Datasheet Search
  English  ▼

X  

SA8027W Datasheet(PDF) 18 Page - NXP Semiconductors

Part # SA8027W
Description  2.5 GHz low voltage, low power RF fractional-N/IF integer frequency synthesizer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA8027W Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button SA8027W Datasheet HTML 14Page - NXP Semiconductors SA8027W Datasheet HTML 15Page - NXP Semiconductors SA8027W Datasheet HTML 16Page - NXP Semiconductors SA8027W Datasheet HTML 17Page - NXP Semiconductors SA8027W Datasheet HTML 18Page - NXP Semiconductors SA8027W Datasheet HTML 19Page - NXP Semiconductors SA8027W Datasheet HTML 20Page - NXP Semiconductors SA8027W Datasheet HTML 21Page - NXP Semiconductors SA8027W Datasheet HTML 22Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Philips Semiconductors
Product data
SA8027
2.5 GHz low voltage, low power
RF fractional-N/IF integer frequency synthesizer
2001 Aug 21
18
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
SR02349
FREQUENCY (MHz)
–42
–39
–36
–33
–30
–27
–24
–21
–18
–15
–12
–9
–6
–3
0
2.6V
3.0V
3.6V
Figure 31.
Auxiliary Divider Input Sensitivity vs.
Frequency and Supply Voltage
(Temp = 25
_C; ISET = 164 µA; Divider Ratio = 213)
SR02350
FREQUENCY (MHz)
–42
–39
–36
–33
–30
–27
–24
–21
–18
–15
–12
–9
–6
–3
0
–40
°C
+25
°C
+85
°C
Figure 32.
Auxiliary Divider Input Sensitivity vs.
Frequency and Temperature
(ISET = 164 µA; Divider Ratio = 213; VDD = 3.0 V)
SR02351
FREQUENCY (MHz)
–30
–27
–24
–21
–18
–15
–12
–9
–6
–3
0
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
2.6V
3.0V
3.6V
Figure 33.
Reference Divider Input Sensitivity vs.
Frequency and Supply Voltage
(Temp = 25
_C; ISET = 164 µA; Divider Ratio = 682)
SR02352
FREQUENCY (MHz)
–30
–27
–24
–21
–18
–15
–12
–9
–6
–3
0
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
–40
°C
+25
°C
+85
°C
Figure 34.
Reference Divider Input Sensitivity vs.
Frequency and Temperature
(ISET = 164 µA; Divider Ratio = 682; VDD = 3.0 V)
SR02353
SUPPLY VOLTAGE (V)
6.00
6.50
7.00
7.50
8.00
8.50
9.00
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
–40
°C
+25
°C
+85
°C
Figure 35.
Total Supply Current vs. Temperature
(ISET = 164 µA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com