Electronic Components Datasheet Search
  English  ▼

X  

SD3030 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # SD3030
Description  SCHOTTKY BARRIER RECTIFIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SD3030 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  SD3030 Datasheet HTML 1Page - EIC discrete Semiconductors SD3030 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SD3030
SCHOTTKY BARRIER
RECTIFIER DIODE
PRV : 30 Volts
IO : 30 Amperes
FEATURES :
* High current capability
* Low forward voltage drop
* High surge capacity
* Low power loss, High efficiency
* Pb / RoHS Free
MECHANICAL DATA :
* Case : Void-free molded plastic body
* Epoxy : UL94V-0 rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight :
2.1 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
SYMBOL
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
V
Maximum Surge Peak Reverse Voltage
VRSM
V
Maximum Average Forward Current,
R-Load at Ta = 70 °C (Note 1)
Maximum Peak Forward Surge Current,
50 Hz half sine wave
Maximum Forward Voltage
at IF = 5 A , TJ = 25 °C
at IF = 30 A , TJ = 25 °C
Maximum Reverse Current at
@ (TJ = 25 °C)
IR
µA
at VR = VRRM
@ (TJ = 125 °C)
IR(H)
mA
Typical Thermal Resistance Junction to Lead (Note 2)
RӨJL
K/W
Operating Junction Temperature Range
TJ
(TJ ≤ 200 °C in bupass mode (Note 3))
Storage Temperature Range
TSTG
°C
Notes :
(1) Valid, if leads are kept at ambient temperature at a distance of 6 mm from case.
(2) Thermal resistance from junction to leas/terminal at distance 0 mm from case.
(3) Max. Junction Temperature TJ ≤150 °C(VR ≤80% VRRM) in reverse mode and TJ ≤ 200 °C in bypass mode.
Page 1 of 2
Rev. 01 : January 19, 2011
V
0.55
°C
- 50 to + 150
RATING
IFSM
650
A
IF(AV)
30
A
VF
- 50 to + 175
VALUE
30
30
70
600
0.39
1.0
0.360 (9.1)
0.340 (8.6)
D6
0.360 (9.1)
0.340 (8.6)
0.052 (1.32)
0.048 (1.22)
Dimensions in inches and ( millimetres )
1.00 (25.4)
MIN.
1.00 (25.4)
MIN.
www.eicsemi.com


Similar Part No. - SD3030

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SD3030MR EIC-SD3030MR Datasheet
132Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODE
More results

Similar Description - SD3030

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
ERB84-009 EIC-ERB84-009 Datasheet
41Kb / 2P
SCHOTTKY-BARRIER RECTIFIER DIODE
ERC81-004 EIC-ERC81-004 Datasheet
35Kb / 2P
SCHOTTKY-BARRIER RECTIFIER DIODE
MBR1660CT EIC-MBR1660CT Datasheet
39Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODE
logo
Naina Semiconductor ltd...
1N5831 NAINA-1N5831_1 Datasheet
99Kb / 2P
Schottky Barrier Rectifier Diode
1N6391 NAINA-1N6391_1 Datasheet
99Kb / 2P
Schottky Barrier Rectifier Diode
SD41 NAINA-SD41_1 Datasheet
99Kb / 2P
Schottky Barrier Rectifier Diode
logo
EIC discrete Semiconduc...
ERA83-004 EIC-ERA83-004_11 Datasheet
60Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODE
ERA83-006 EIC-ERA83-006_11 Datasheet
66Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODE
SD3030MR EIC-SD3030MR Datasheet
132Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODE
logo
AVX Corporation
SD3220S020S3R0 AVX-SD3220S020S3R0_17 Datasheet
478Kb / 7P
Schottky Barrier Rectifier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com