Electronic Components Datasheet Search
  English  ▼

X  

MIC841 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC841
Description  Comparator with Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC841 Datasheet(HTML) 6 Page - Micrel Semiconductor

  MIC841 Datasheet HTML 1Page - Micrel Semiconductor MIC841 Datasheet HTML 2Page - Micrel Semiconductor MIC841 Datasheet HTML 3Page - Micrel Semiconductor MIC841 Datasheet HTML 4Page - Micrel Semiconductor MIC841 Datasheet HTML 5Page - Micrel Semiconductor MIC841 Datasheet HTML 6Page - Micrel Semiconductor MIC841 Datasheet HTML 7Page - Micrel Semiconductor MIC841 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MIC841/2
Micrel
MIC841/2
6
September 2004
Once the desired trip points are determined, set the V
IN(HI)
threshold first.
For example, use a total of 1M
Ω = R1 + R2 + R3. For a typical
single-cell lithium ion battery, 3.6V is a good “high threshold”
because at 3.6V the battery is moderately charged. Solving
for R3:
V
3.6V
1.24
1M
R3
IN(HI) ==
Ω


R3
344k
=Ω
Once R3 is determined, the equation for V
IN(LO) can be used
to determine R2. A single lithium-ion cell, for example, should
not be discharged below 2.5V. Many applications limit the
drain to 3.1V. Using 3.1V for the V
IN(LO) threshold allows
calculation of the two remaining resistor values.
V
3.1V
1.24
1M
R2
344k
IN(LO) ==
Ω
+


R2
56k
=Ω
1M
R2 R3
R1
Ω−
−
() =
R1 600k
=Ω
The accuracy of the resistors can be chosen based upon the
accuracy required by the system.
Programming the MIC842 Thresholds
The voltage threshold is calculated using:
VV
R1 R2
R2
IN(LO)
REF
=
+


where:
V
1.240V
REF =
INP
OUT
VDD
GND
MIC842N
470k
VIN
R1
R2
VOUT
4
2
1
5
Figure 2. MIC842 Example Circuit
In order to provide the additional criteria needed to solve for
the resistor values, the resistors can be selected such that
they have a given total value, that is, R1 + R2 = R
TOTAL. A
value such as 1M
Ω for R
TOTAL is a reasonable value because
it draws minimum current but has no significant effect on
accuracy.
Applications Information
Output
The MIC841N and MIC842N outputs are an open-drain
MOSFET, so most applications will require a pull-up resistor.
The value of the resistor should not be too large or leakage
effects may dominate. 470k
Ω is the maximum recommended
value. Note that the output of “N” version may be pulled up as
high as 6V regardless of the ICs supply voltage. The “H” and
“L” versions of the MIC841 and MIC842 have a push-pull
output stage, with a diode clamped to V
DD. Thus, the maxi-
mum output voltage of the “H” and “L” versions is V
DD. See
“
Electrical Characteristics.”
When working with large resistors on the input to the devices,
a small amount of leakage current can cause voltage offsets
that degrade system accuracy. The maximum recommended
total resistance from V
IN to ground is 3MΩ. The accuracy of
the resistors can be chosen based upon the accuracy re-
quired by the system. The inputs may be subjected to
voltages as high as 6V steady-state without adverse effects
of any kind regardless of the ICs supply voltage. This applies
even if the supply voltage is zero. This permits the situation
in which the IC’s supply is turned off, but voltage is still present
on the inputs. See “
Electrical Characteristics.”
Programming the MIC841 Thresholds
The low-voltage threshold is calculated using:
VV
R1 R2 R3
R2 R3
IN(LO)
REF
=
++
+


The high-voltage threshold is calculated using:
VV
R1 R2 R3
R3
IN(HI)
REF
=
++


where, for both equations:
V
1.240V
REF =
In order to provide the additional criteria needed to solve for
the resistor values, the resistors can be selected such that
they have a given total value, that is, R1 + R2 + R3 = R
TOTAL.
A value such as 1M
Ω for R
TOTAL is a reasonable value
because it draws minimum current but has no significant
effect on accuracy.
HTH
OUT
VDD
LTH
GND
MIC841N
604k
1%
56k
1%
340k
1%
470k
VIN
R1
R2
R3
VOUT
VDD
5
3
1
4
2
Figure 1. MIC841 Example Circuit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com