Electronic Components Datasheet Search
  English  ▼

X  

TL441-EP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TL441-EP
Description  LOGARITHMIC AMPLIFIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL441-EP Datasheet(HTML) 2 Page - Texas Instruments

  TL441-EP Datasheet HTML 1Page - Texas Instruments TL441-EP Datasheet HTML 2Page - Texas Instruments TL441-EP Datasheet HTML 3Page - Texas Instruments TL441-EP Datasheet HTML 4Page - Texas Instruments TL441-EP Datasheet HTML 5Page - Texas Instruments TL441-EP Datasheet HTML 6Page - Texas Instruments TL441-EP Datasheet HTML 7Page - Texas Instruments TL441-EP Datasheet HTML 8Page - Texas Instruments TL441-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
TL441EP
LOGARITHMIC AMPLIFIER
SGLS268 − OCTOBER 2004
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
FUNCTIONAL LOGIC DIAGRAM (one half)
−15 dB
−15 dB
Log
Log
Log
Log
Σ
Y (Z)
Y (Z)
A1
(B1)
CA2
(CB2)
CA2′
(CB2′)
A2
(B2)
Y
∝ log A1 + log A2; Z ∝ log B1 + log B2 where: A1, A2, B1, and B2 are in dBV, 0 dBV = 1 V.
CA2, CA2′, CB2, and CB2′ are detector compensation inputs.
SCHEMATIC
VCC +
Y
Y
A2
A1
CA2′
CA2
VCC −
8
6
5
7
4
3
1
2
10
11
9
12
13
14
15
Z
Z
B2
B1
GND
CB2′
CB2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com