Electronic Components Datasheet Search
  English  ▼

X  

MIC2582 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2582
Description  Single Channel Hot Swap Controllers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2582 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2582 Datasheet HTML 1Page - Micrel Semiconductor MIC2582 Datasheet HTML 2Page - Micrel Semiconductor MIC2582 Datasheet HTML 3Page - Micrel Semiconductor MIC2582 Datasheet HTML 4Page - Micrel Semiconductor MIC2582 Datasheet HTML 5Page - Micrel Semiconductor MIC2582 Datasheet HTML 6Page - Micrel Semiconductor MIC2582 Datasheet HTML 7Page - Micrel Semiconductor MIC2582 Datasheet HTML 8Page - Micrel Semiconductor MIC2582 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
MIC2582/MIC2583
Micrel
MIC2582/MIC2583
4
April 2003
Pin Name
8-pin SOIC
16-pin QSOP
Pin Function
PWRGD
N/A
2
Power-Good Output: Open drain N-channel device, Active High. When the
voltage at the FB pin is lower than 1.24V, PWRGD output is held low. When
the voltage at the FB pin exceeds 1.24V, then PWRGD is asserted immediately.
The PWRGD pin requires a pull-up resistor (10k
Ω minimum) to VCC.
CFILTER
N/A
5
Current Limit Response Timer: A capacitor connected to this pin defines the
period of time (t
OCSLOW) in which an overcurrent event must last to signal a
fault condition and trip the circuit breaker. If no capacitor is connected, then
t
OCSLOW defaults to 5µs.
/FAULT
N/A
11
Circuit Breaker Fault Status Output: Open drain N-channel device, Active
Low. The /FAULT pin is asserted when the circuit breaker trips due to an
overcurrent condition or when an undervoltage lockout condition exists. The
/FAULT pin requires a pull-up resistor (10k
Ω minimum) to VCC.
DIS
N/A
13
Discharge Output: When the MIC2583/83R is turned off, a 500
Ω internal
resistor at this output allows the discharging of any load capacitance to ground.
NC
N/A
6,9,10
No internal connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com