Electronic Components Datasheet Search
  English  ▼

X  

MIC841LBC5 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC841LBC5
Description  Comparator with Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC841LBC5 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC841LBC5 Datasheet HTML 1Page - Micrel Semiconductor MIC841LBC5 Datasheet HTML 2Page - Micrel Semiconductor MIC841LBC5 Datasheet HTML 3Page - Micrel Semiconductor MIC841LBC5 Datasheet HTML 4Page - Micrel Semiconductor MIC841LBC5 Datasheet HTML 5Page - Micrel Semiconductor MIC841LBC5 Datasheet HTML 6Page - Micrel Semiconductor MIC841LBC5 Datasheet HTML 7Page - Micrel Semiconductor MIC841LBC5 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
September 2004
3
MIC841/2
MIC841/2
Micrel
Pin Configuration
HTH
VDD
OUT
LTH
1
3
45
2
GND
Bxx
MIC841
SC-70-5 (C5)
INP
VDD
OUT
NC
1
3
45
2
GND
Bxx
MIC842
SC-70-5 (C5)
Pin Description MIC841
Pin Number
Pin Name
Pin Function
1
HTH
High-Voltage Threshold (Input): Analog input to a comparator. This is the
voltage input assigned to detect a high-voltage condition. When the level on
this pin exceeds V
REF, OUT is asserted and the condition is latched until
V
LTH < VREF.
2
GND
Ground.
3
LTH
Low-Voltage Threshold (Input): Analog input to a comparator. This is the
voltage input assigned to detect a low voltage condition. When the level on
this pin falls below V
REF, OUT is de-asserted and the condition is latched
until V
HTH > VREF.
4
OUT (“N” Version)
Output: Active-high, open-drain output. This output is de-asserted and
latched when V
LTH <VREF, indicating a low voltage condition. This state
remains latched until V
HTH > VREF.
OUT (“H” Version)
Output: Push-pull output. This output is de-asserted and latched when V
LTH
< V
REF, indicating a low voltage condition. This state remains latched until
V
HTH > VREF.
OUT (“L” Version)
Output: Push-pull output. This output is asserted and latched when
V
LTH < VREF, indicating a low voltage condition. This state remains latched
until V
HTH > VREF.
5V
DD
Power Supply (Input): Independent supply input for internal circuitry.
Pin Description MIC842
Pin Number
Pin Name
Pin Function
1
INP
Input: Analog input to the comparator. When V
INP >VREF +VHYST, VOUT is
asserted, and the condition is held until V
INP <VREF.
2
GND
Ground.
3
NC
No Connect.
4
OUT (“N” Version)
Output: Active-high, open-drain output. This output is de-asserted when
V
INP <VREF, indicating a low voltage input. The output is asserted when
V
INP >VREF +VHYST.
OUT (“H” Version)
Output: Push-pull output. This output is de-asserted and latched when
V
INP < VREF, indicating a low voltage condition. This state remains latched
until V
INP > VREF +VHYST.
OUT (“L” Version)
Output: Push-pull output. This output is asserted and latched when
V
INP < VREF, indicating a low voltage condition. This state remains latched
until V
INP > VREF +VHYST.
5V
DD
Power Supply (Input): Independent supply input for internal circuitry.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com