Electronic Components Datasheet Search
  English  ▼

X  

UA9638CIDREP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UA9638CIDREP
Description  DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UA9638CIDREP Datasheet(HTML) 2 Page - Texas Instruments

  UA9638CIDREP Datasheet HTML 1Page - Texas Instruments UA9638CIDREP Datasheet HTML 2Page - Texas Instruments UA9638CIDREP Datasheet HTML 3Page - Texas Instruments UA9638CIDREP Datasheet HTML 4Page - Texas Instruments UA9638CIDREP Datasheet HTML 5Page - Texas Instruments UA9638CIDREP Datasheet HTML 6Page - Texas Instruments UA9638CIDREP Datasheet HTML 7Page - Texas Instruments UA9638CIDREP Datasheet HTML 8Page - Texas Instruments UA9638CIDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
VCC
Input
4 k
Ω NOM
VCC
Output
GND
9.6
Ω NOM
uA9638C-EP
SLLSEA4A
– DECEMBER 2011 – REVISED DECEMBER 2011
www.ti.com
ORDERING INFORMATION(1)
ORDERABLE
TOP-SIDE
TA = TJ
PACKAGE
VID NUMBER
PART NUMBER
MARKING
–40°C to 85°C
SOIC - D
Reel of 2500
UA9638CIDREP
9638I
V62/12606-10XE
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
SCHEMATICS OF INPUTS AND OUTPUTS
Figure 3. Equivalent of Each Input
Figure 4. Typical of All Inputs
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VCC
Supply voltage range(2)
–0.5 V to 7 V
VI
Input voltage range
–0.5 V to 7 V
Continuous total power dissipation
See Dissipation Ratings Table
Lead temperature 1,6 mm (1/16 inch) from 10 seconds
260
°C
TA
Operating free-air temperature range
–40°C to 85°C
Tstg
Storage temperature range
–65°C to 150°C
(1)
Voltage values except differential output voltages are with respect to network GND.
(2)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com