Electronic Components Datasheet Search
  English  ▼

X  

LM1875 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM1875
Description  20W Audio Power Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1875 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM1875 Datasheet HTML 1Page - National Semiconductor (TI) LM1875 Datasheet HTML 2Page - National Semiconductor (TI) LM1875 Datasheet HTML 3Page - National Semiconductor (TI) LM1875 Datasheet HTML 4Page - National Semiconductor (TI) LM1875 Datasheet HTML 5Page - National Semiconductor (TI) LM1875 Datasheet HTML 6Page - National Semiconductor (TI) LM1875 Datasheet HTML 7Page - National Semiconductor (TI) LM1875 Datasheet HTML 8Page - National Semiconductor (TI) LM1875 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LM1875
20W Audio Power Amplifier
General Description
The LM1875 is a monolithic power amplifier offering very low
distortion and high quality performance for consumer audio
applications.
The LM1875 delivers 20 watts into a 4
Ω or 8Ω load on ±25V
supplies. Using an 8
Ω load and ±30V supplies, over 30
watts of power may be delivered. The amplifier is designed
to operate with a minimum of external components. Device
overload protection consists of both internal current limit and
thermal shutdown.
The LM1875 design takes advantage of advanced circuit
techniques and processing to achieve extremely low distor-
tion levels even at high output power levels. Other outstand-
ing features include high gain, fast slew rate and a wide
power bandwidth, large output voltage swing, high current
capability, and a very wide supply range. The amplifier is
internally compensated and stable for gains of 10 or greater.
Features
n
Up to 30 watts output power
n
A
VO typically 90 dB
n
Low distortion: 0.015%, 1 kHz, 20 W
n
Wide power bandwidth: 70 kHz
n
Protection for AC and DC short circuits to ground
n
Thermal protection with parole circuit
n
High current capability: 4A
n
Wide supply range 16V-60V
n
Internal output protection diodes
n
94 dB ripple rejection
n
Plastic power package TO-220
Applications
n
High performance audio systems
n
Bridge amplifiers
n
Stereo phonographs
n
Servo amplifiers
n
Instrument systems
Connection Diagram
00503001
Front View
Package
Ordering Info
NSC Package
Number
For Straight Leads
LM1875T
SL108949
T05A
For Stagger Bend
LM1875T
LB03
T05D
For 90˚ Stagger
Bend
LM1875T
LB05
T05E
For 90˚ Stagger
Bend
LM1875T
LB02
TA05B
Typical Applications
00503002
July 2002
© 2002 National Semiconductor Corporation
DS005030
www.national.com


Similar Part No. - LM1875

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM1875 UTC-LM1875 Datasheet
150Kb / 6P
20W AUDIO POWER AMPLIFIER
logo
Texas Instruments
LM1875 TI-LM1875 Datasheet
3Mb / 17P
20W Audio Power Amplifier
MAY 2004
LM1875 TI-LM1875 Datasheet
3Mb / 16P
20W Audio Power Amplifier
MAY 2004
logo
Unisonic Technologies
LM1875-TA5-T UTC-LM1875-TA5-T Datasheet
149Kb / 7P
20W AUDIO POWER AMPLIFIER
LM1875-TA5-T UTC-LM1875-TA5-T Datasheet
154Kb / 7P
20W AUDIO POWER AMPLIFIER
More results

Similar Description - LM1875

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7143 NTE-NTE7143 Datasheet
29Kb / 2P
Integrated Circuit Audio Power Amplifier, 20W
logo
STMicroelectronics
TDA2040 STMICROELECTRONICS-TDA2040 Datasheet
391Kb / 13P
20W Hi-Fi AUDIO POWER AMPLIFIER
17-Jul-2012
logo
Hitachi Semiconductor
HA1397 HITACHI-HA1397 Datasheet
570Kb / 7P
20W AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
LM1875 UTC-LM1875 Datasheet
150Kb / 6P
20W AUDIO POWER AMPLIFIER
LM1875 UTC-LM1875_05 Datasheet
149Kb / 7P
20W AUDIO POWER AMPLIFIER
logo
NTE Electronics
NTE7040 NTE-NTE7040 Datasheet
28Kb / 3P
Integrated Circuit Audio Power Amplifier, 20W
NTE1724 NTE-NTE1724 Datasheet
33Kb / 2P
Integrated Circuit Audio Power Amplifier, 20W
logo
Texas Instruments
LM1875T TI1-LM1875T Datasheet
3Mb / 16P
LM1875 20W Audio Power Amplifier
logo
Unisonic Technologies
LM1875 UTC-LM1875_15 Datasheet
154Kb / 7P
20W AUDIO POWER AMPLIFIER
logo
Texas Instruments
LM1875 TI-LM1875 Datasheet
3Mb / 17P
20W Audio Power Amplifier
MAY 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com