Electronic Components Datasheet Search
  English  ▼

X  

SC16C654 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # SC16C654
Description  Quad UART with 64-byte FIFO and infrared (IrDA) encoder/decoder
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C654 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button SC16C654 Datasheet HTML 30Page - NXP Semiconductors SC16C654 Datasheet HTML 31Page - NXP Semiconductors SC16C654 Datasheet HTML 32Page - NXP Semiconductors SC16C654 Datasheet HTML 33Page - NXP Semiconductors SC16C654 Datasheet HTML 34Page - NXP Semiconductors SC16C654 Datasheet HTML 35Page - NXP Semiconductors SC16C654 Datasheet HTML 36Page - NXP Semiconductors SC16C654 Datasheet HTML 37Page - NXP Semiconductors SC16C654 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
xxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx x xxxxxxxxxxxxxx xxxxxxxxxx xxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxx
xxxxx xxxxxx xx xxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxx xxxxxxx xxxxxxxxxxxxxxxxxxx
xxxxxxxxxxxxxxxx xxxxxxxxxxxxxx xxxxxx xx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxx xxxxx x x
[1]
Except x2, VOL = 1 V typical.
[2]
When using crystal oscillator. The use of an external clock will increase the sleep current.
[3]
Refer to Table 2 “Pin description” on page 7 for a listing of pins having internal pull-up resistors.
Table 27:
DC electrical characteristics
Tamb = −40 °C to +85 °C; VCC = 2.5 V, 3.3 V or 5.0 V ±10%, unless otherwise specified.
Symbol
Parameter
Conditions
2.5 V
3.3 V
5.0 V
Unit
Min
Nom
Max
Min
Nom
Max
Min
Nom
Max
VIL(CK)
LOW-level clock input voltage
−0.3
-
0.45
−0.3
-
0.6
−0.5
-
0.6
V
VIH(CK)
HIGH-level clock input voltage
1.8
-
VCC
2.4
-
VCC
3.0
-
VCC
V
VIL
LOW-level input voltage
(except X1 clock)
−0.3
-
0.65
−0.3
-
0.8
−0.5
-
0.8
V
VIH
HIGH-level input voltage
(except X1 clock)
1.6
-
-
2.0
-
-
2.2
-
-
V
VOL
LOW-level output voltage
on all outputs[1]
IOL =5mA
(databus)
--------0.4
V
IOL =4mA
(other outputs)
-----0.4
---V
IOL =2mA
(databus)
--0.4
------V
IOL = 1.6 mA
(other outputs)
--0.4
------V
VOH
HIGH-level output voltage
IOH = −5mA
(databus)
------2.4
--V
IOH = −1mA
(other outputs)
---2.0
-----V
IOH = −800 µA
(data bus)
1.85
--------V
IOH = −400 µA
(other outputs)
1.85
--------V
ILIL
LOW-level input leakage
current
--
±10
-
-
±10
-
-
±10
µA
ICL
clock leakage
-
-
±30
-
-
±30
-
-
±30
µA
ICC
supply current
f = 5 MHz
-
-
4.5
-
-
6
-
-
6
mA
ICCsleep
sleep current[2]
-1
--1
--1
-mA
Ci
input capacitance
-
-
5
-
-
5
-
-
5
pF
Rpu(int)
internal pull-up resistance[3]
500
-
-
500
-
-
500
-
-
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com