Electronic Components Datasheet Search
  English  ▼

X  

SC16C654IB64 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # SC16C654IB64
Description  Quad UART with 64-byte FIFO and infrared (IrDA) encoder/decoder
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C654IB64 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button SC16C654IB64 Datasheet HTML 12Page - NXP Semiconductors SC16C654IB64 Datasheet HTML 13Page - NXP Semiconductors SC16C654IB64 Datasheet HTML 14Page - NXP Semiconductors SC16C654IB64 Datasheet HTML 15Page - NXP Semiconductors SC16C654IB64 Datasheet HTML 16Page - NXP Semiconductors SC16C654IB64 Datasheet HTML 17Page - NXP Semiconductors SC16C654IB64 Datasheet HTML 18Page - NXP Semiconductors SC16C654IB64 Datasheet HTML 19Page - NXP Semiconductors SC16C654IB64 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
Philips Semiconductors
SC16C654/654D
Quad UART with 64-byte FIFO and infrared (IrDA) encoder/decoder
Product data
Rev. 04 — 19 June 2003
16 of 52
9397 750 11617
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
When two interrupt conditions have the same priority, it is important to service these
interrupts correctly. Receive Data Ready and Receive Time Out have the same
interrupt priority (when enabled by IER[0]). The receiver issues an interrupt after the
number of characters have reached the programmed trigger level. In this case, the
SC16C654/654D FIFO may hold more characters than the programmed trigger level.
Following the removal of a data byte, the user should re-check LSR[0] for additional
characters. A Receive Time Out will not occur if the receive FIFO is empty. The
time-out counter is reset at the center of each stop bit received or each time the
receive holding register (RHR) is read. The actual time-out value is 4 character time.
In the 16 mode for the PLCC68 package, the system/board designer can optionally
provide software controlled 3-State interrupt operation. This is accomplished by
INTSEL and MCR[3]. When INTSEL interface pin is left open or made a logic 0,
MCR[3] controls the 3-State interrupt outputs, INTA-INTD. When INTSEL is a logic 1,
MCR[3] has no effect on the INTA-INTD outputs, and the package operates with
interrupt outputs enabled continuously.
6.11 Programmable baud rate generator
The SC16C654/654D supports high speed modem technologies that have increased
input data rates by employing data compression schemes. For example, a 33.6 kbit/s
modem that employs data compression may require a 115.2 kbit/s input data rate.
A 128.0 kbit/s ISDN modem that supports data compression may need an input
data rate of 460.8 kbit/s.
A single baud rate generator is provided for the transmitter and receiver, allowing
independent TX/RX channel control. The programmable Baud Rate Generator is
capable of accepting an input clock up to 80 MHz (for 3.3 V and 5 V operation), as
required for supporting a 5 Mbits/s data rate. The SC16C654/654D can be configured
for internal or external clock operation. For internal clock oscillator operation, an
industry standard microprocessor crystal (parallel resonant/22-33 pF load) is
connected externally between the XTAL1 and XTAL2 pins (see Figure 6).
Alternatively, an external clock can be connected to the XTAL1 pin to clock the
internal baud rate generator for standard or custom rates (see Table 7).
The generator divides the input 16
× clock by any divisor from 1 to 216 − 1. The
SC16C654/654D divides the basic external clock by 16. Further division of this 16
×
clock provides two table rates to support low and high data rate applications using the
Fig 6.
Crystal oscillator connection.
002aaa169
X1
1.8432 MHz
C1
22 pF
C2
47 pF
X1
1.8432 MHz
C1
47 pF
C2
100 pF
1.5 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com