Electronic Components Datasheet Search
  English  ▼

X  

PVM-25 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # PVM-25
Description  PVM fast-acting 13??2? x 1 1??? (10x38mm) 600Vdc photovoltaic fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

PVM-25 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  PVM-25 Datasheet HTML 1Page - Cooper Bussmann, Inc. PVM-25 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data 2153
Effective August 2015
Supersedes January 2012
PVM fast-acting 13⁄32˝ x 1 1⁄2˝ (10x38mm)
600Vdc photovoltaic fuses
Catalog symbol:
• PVM-(amp)
Description:
A range of fast-acting UL 2579 600Vdc 13/32” x
1-1/2” (10x38mm) fuses specifically designed to
protect solar power systems in extreme ambient
temperature, high cycling and low level fault
current conditions (reverse current, multi-array
fault).
Specifications:
Ratings
• Volts 600Vdc to UL 2579
• Amps 4 - 30A
• IR 50kA DC (4-30A)
Electrical characteristics
Catalog
number
Amp rating
Power loss (watts)
0.8 x I
n
1.0 x I
n
PVM-10
10
1.04
1.86
PVM-15
15
1.00
1.72
PVM-30
30
1.65
2.91
Agency information
• UL® Listed 2579, Guide JFGA, File E335324
• CSA® Component Certified C22.2
• RoHS compliant
Catalog numbers (amps)
PVM-4
PVM-7
PVM-10
PVM-20
PVM-5
PVM-8
PVM-12
PVM-25
PVM-6
PVM-9
PVM-15
PVM-30
Dimensions:
Typical applications:
• Combiner boxes
• Inverters
• Solar strings
Recommended fuse blocks / holders:
Catalog
symbol
Description
Doc No.
CHM
600V DIN-Rail fuse holder
3185
CHPV
1000V DIN-Rail fuse holder
3185
BPVM
1000V modular blocks
10625
BMM
600V modular blocks
10241
HEB
600V In-Line fuse holder
2127
1A3400-_
PCB fuseclip
2131
1.5”
±0.031
(38.1mm)
0.407”
±0.005
(10.3mm)


Similar Part No. - PVM-25

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
PVM-25 EATON-PVM-25 Datasheet
715Kb / 2P
PVM fast-acting 13??2? x 1-1??? (10x38 mm) 600 Vdc photovoltaic fuses
More results

Similar Description - PVM-25

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
DCM-7 COOPER-DCM-7 Datasheet
233Kb / 1P
Fast-Acting 13??2? x 1 1??? (10x38mm) Midget Fuses, 600Vac/dc, 1??0??0A
KLM-2 COOPER-KLM-2 Datasheet
235Kb / 1P
Fast-Acting 13??2? x 1 1??? (10x38mm) Midget Fuses, 600Vac/dc, 1??0??0A
KTK-45 COOPER-KTK-45 Datasheet
374Kb / 2P
13/32 x 1-1/2 600Vac Fast-acting supplemental fuses
KTK-110 COOPER-KTK-110 Datasheet
279Kb / 2P
KTK 13??2? x 1-1??? 600Vac fast-acting supplemental fuses
BAF-1 COOPER-BAF-1 Datasheet
270Kb / 2P
BAF 13??2? x 1-1/2? 250Vac fast-acting supplemental fuses
PV-1A10F COOPER-PV-1A10F Datasheet
909Kb / 6P
10x38mm photovoltaic fuses 1000Vdc, 1-30A
logo
Eaton All Rights Reserv...
BAF EATON-BAF Datasheet
270Kb / 2P
BAF 13??2? x 1-1/2? 250Vac fast-acting supplemental fuses
KLM EATON-KLM Datasheet
318Kb / 2P
KLM 13??2? x 1-1??? 600Vac/dc fast-acting supplemental fuses
KTK EATON-KTK Datasheet
279Kb / 2P
KTK 13??2? x 1-1??? 600Vac fast-acting supplemental fuses
PVM EATON-PVM Datasheet
715Kb / 2P
PVM fast-acting 13??2? x 1-1??? (10x38 mm) 600 Vdc photovoltaic fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com