Electronic Components Datasheet Search
  English  ▼

X  

LB115 Datasheet(PDF) 5 Page - SL Power Electronics

Part # LB115
Description  115W Single Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

LB115 Datasheet(HTML) 5 Page - SL Power Electronics

  LB115 Datasheet HTML 1Page - SL Power Electronics LB115 Datasheet HTML 2Page - SL Power Electronics LB115 Datasheet HTML 3Page - SL Power Electronics LB115 Datasheet HTML 4Page - SL Power Electronics LB115 Datasheet HTML 5Page - SL Power Electronics LB115 Datasheet HTML 6Page - SL Power Electronics LB115 Datasheet HTML 7Page - SL Power Electronics LB115 Datasheet HTML 8Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LB115S
115W Single Output
LED Series
www.slpower.com
LB115S 2-OCT-14
5
Mechanical Drawing
Connector Information
Input Connector
J2
DC Output
Connector
J3
Ground
(FG)J1
PIN 1) AC NEUTRAL
PIN 2) EMPTY
PIN 3) AC LINE
PIN 1) +Vout
PIN 2) +Vout
PIN 3) +Vout
PIN 4) -Vout
PIN 5) -Vout
PIN 6) -Vout
19-30258-0187 (Keystone 1285)
(Zierick 895)(.187*0.020)
Mating Connector:
Tyco/AMP 640250-3
Terminals :
3-640252-1
Mating Connector:
AMP 640250-6
Terminals :
3-640252-1
Mating Connector
Molex 190020005
1. All dimensions in inches (mm) undefined tolerance is ±.02” (0.5mm).
2. Mounting holes should be connected together for EMI purpose
3. FG is safety ground connection
4. This power supply requires mounting on metal standoffs 0.20” (5mm) Min. in height



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com