Electronic Components Datasheet Search
  English  ▼

X  

MP7614 Datasheet(PDF) 5 Page - Exar Corporation

Part # MP7614
Description  15 V CMOS Multiplying 14-Bit Digital-to-Analog Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7614 Datasheet(HTML) 5 Page - Exar Corporation

  MP7614 Datasheet HTML 1Page - Exar Corporation MP7614 Datasheet HTML 2Page - Exar Corporation MP7614 Datasheet HTML 3Page - Exar Corporation MP7614 Datasheet HTML 4Page - Exar Corporation MP7614 Datasheet HTML 5Page - Exar Corporation MP7614 Datasheet HTML 6Page - Exar Corporation MP7614 Datasheet HTML 7Page - Exar Corporation MP7614 Datasheet HTML 8Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MP7614
5
Rev. 2.00
A
––
0.200
––
5.08
––
b
0.014
0.023
0.356
0.584
––
b1
0.038
0.065
0.965
1.65
2
c
0.008
0.015
0.203
0.381
––
D
––
1.060
––
26.92
4
E
0.220
0.310
5.59
7.87
4
E1
0.290
0.320
7.37
8.13
7
e
0.100 BSC
2.54 BSC
5
L
0.125
0.200
3.18
5.08
––
L1
0.150
––
3.81
––
––
Q
0.015
0.070
0.381
1.78
3
S
––
0.080
––
2.03
6
S1
0.005
––
0.13
––
6
α
0
°
15
°
0
°
15
°
––
D
be
1
b
20 LEAD CERAMIC DUAL-IN-LINE
(300 MIL CDIP)
D20
SYMBOL
MIN
MAX
MIN
MAX
NOTES
INCHES
MILLIMETERS
S 1
S
NOTES
1.
Index area; a notch or a lead one identification mark
is located adjacent to lead one and is within the
shaded area shown.
2.
The minimum limit for dimension b1 may be 0.023
(0.58 mm) for all four corner leads only.
3.
Dimension Q shall be measured from the seating
plane to the base plane.
4.
This dimension allows for off-center lid, meniscus and
glass overrun.
5.
The basic lead spacing is 0.100 inch (2.54 mm) be-
tween centerlines.
6.
Applies to all four corners.
7.
This is measured to outside of lead, not center.
20
110
11
See
Note 1
E
α
c
E1
L
Q
Seating
Plane
Base
Plane
L1
A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com