Electronic Components Datasheet Search
  English  ▼

X  

SR220L Datasheet(PDF) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # SR220L
Description  2.0AMPS. SCHOTTKY BARRIER RECTIFIERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

SR220L Datasheet(HTML) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

  SR220L Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SR220L/SB220L THRU SR260L/SB260L
2.0AMPS. SCHOTTKY BARRIER RECTIFIERS
FEATURE
.
High current capability
.
Low forward voltage drop
.
Low power loss, high efficiency
.
High surge capability
.
High temperature soldering guaranteed 260°C /10sec/ 0.375"
lead length at 5 lbs tension
MECHANICAL DATA
.
Terminal: Plated axial leads solderable per MIL-STD 202E,
method 208C
.
Case: Molded with UL-94 Class V-0 recognized
Flame Retardant Epoxy
.
Polarity: color band denotes cathode
.
Mounting position: any
DO-15
1.0(25.4)
M IN.
.300(7.6)
.230(5.8)
1.0(25.4)
M IN.
.140(3.6)
.104(2.6)
DIA.
+
-
.034(0.9)
.028(0.7)
DIA.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz,resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
SYMBOL
SR220L
SB220L
SR240L
SB240L
SR260L
SB260L
units
Maximum Recurrent Peak Reverse Voltage
VRRM
20
40
60
V
Maximum RMS Voltage
VRMS
14
28
42
V
Maximum DC blocking Voltage
VDC
20
40
60
V
Maximum Average Forward Rectified
Current .375"(9.5mm) lead length at TL =90°C
IF(AV)
2.0
A
Peak Forward Surge Current 8.3ms single half sine-wave
superimposed on rated load (JEDEC method)
IFSM
50.0
A
Maximum Forward Voltage at 2.0A DC
VF
0.38
0.45
0.55
V
Maximum DC Reverse Current at
rated DC blocking voltage
@TA=25°C
@TA =100°C
IR
0.5
50.0
mA
Typical Junction Capacitance (Note 1)
CJ
200
pF
Typical Thermal Resistance (Note 2)
R(JA)
65
°C/W
Storage Temperature
TSTG
-55 to +150
°C
Operation Junction Temperature
TJ
-55 to +125
°C
Note:
1. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
2. Thermal Resistance from Junction to Ambient at 0.375"(9.5mm)lead length, vertical P.C. Board Mounted.


Similar Part No. - SR220L

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
SR220L CHENDA-SR220L Datasheet
224Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Gaomi Xinghe Electronic...
SR220L GXELECTRONICS-SR220L Datasheet
325Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Guangdong Juxing Electr...
SR220L JUXING-SR220L Datasheet
751Kb / 2P
LOW VF SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SR220L

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SS22L TSC-SS22L_11 Datasheet
135Kb / 2P
2.0AMPS Surface Mount Schottky Barrier Rectifiers
SSH210 TSC-SSH210 Datasheet
128Kb / 2P
2.0AMPS. Surface Mount Schottky Barrier Rectifier
SK22A TSC-SK22A_11 Datasheet
192Kb / 2P
2.0AMPS. Surface Mount Schottky Barrier Rectifier
SS22M TSC-SS22M_12 Datasheet
212Kb / 2P
2.0AMPS. Surface Mount Schottky Barrier Rectifiers
SSL22 TSC-SSL22_11 Datasheet
208Kb / 2P
2.0AMPS. Surface Mount Low VF Schottky Barrier Rectifiers
SR202 TSC-SR202_13 Datasheet
258Kb / 4P
2.0AMPS. Schottky Barrier Rectifiers High reliability
SSL22 TSC-SSL22_13 Datasheet
253Kb / 4P
2.0AMPS. Surface Mount Low VF Schottky Barrier Rectifiers
logo
Chongqing Pingwei Enter...
SS24L CHONGQING-SS24L Datasheet
177Kb / 1P
2.0AMPS. SCHOTTKY BARRIER RECTIFIERS
SR220 CHONGQING-SR220 Datasheet
179Kb / 1P
2.0AMPS. SCHOTTKY BARRIER RECTIFIERS
SS22 CHONGQING-SS22 Datasheet
179Kb / 1P
2.0AMPS. SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com