Electronic Components Datasheet Search
  English  ▼

X  

UFF30C60 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # UFF30C60
Description  Full Plastic Single Ultra-fast Power Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

UFF30C60 Datasheet(HTML) 1 Page - Mospec Semiconductor

  UFF30C60 Datasheet HTML 1Page - Mospec Semiconductor UFF30C60 Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MOSPEC
UFF30C60
Switchmode
Full Plastic Single Ultra-fast Power Rectifiers
Designed for use in switching power supplies. inverters and as free wheeling
diodes. These state-of-the-art devices have the following features:
*
Low TRR
*
High Surge Capacity
*
Low Power Loss, High efficiency
*
175℃ Operating Junction Temperature
*
Low Forward Voltage , High Frequency
*
High-Switching Speed 21(typ.) Nanosecond Recovery Time
*
Plastic Material used Carries Underwriters Laboratory
*In compliance with EU RoHs 2002/95/EC directives
MAXIMUM RATINGS
Characteristic
Symbol
UFF30C60
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
600
V
RMS Reverse Voltage
VR(RMS)
420
V
Average Rectifier Forward Current ( per diode )
Total Device (Rated VR),TC=55℃
IF(AV)
15
30
A
Peak Repetitive Forward Current
(Rate VR, Square Wave, 20kHz,TC=125℃)
IFM
30
A
Non-Repetitive Peak Surge Current (Surge
applied at rate load conditions half-wave,
single phase, 60Hz)
IFSM
225
A
Operating and Storage Junction Temperature
Range
TJ , Tstg
-65 to +175
℃
ELECTRIAL CHARACTERISTICS
Characteristic
Symbol
Min
TYPE
MAX.
Unit
2.2
2.5
Maximum Instantaneous Forward Voltage
( IF =15 Amp TC = 25℃)
( IF =15 Amp TC = 125℃)
VF
2.3
2.4
V
30
uA
Maximum Instantaneous Reverse Current
( Rated DC Voltage, TC = 25℃)
( Rated DC Voltage, TC = 125℃)
IR
20
mA
Reverse Recovery Time
( IF = 0.5 A, IR =1.0 , Irr =0.25 A )
Trr
28
30
ns
Typical Thermal Resistance junction to case
Rθ j-c
3.8
℃
/w
ULTRA FAST
RECTIFIERS
30 AMPERES
600 VOLTS
ITO-220AB
MILLIMETERS
DIM
MIN
MAX
A
15.05
15.15
B
13.35
13.45
C
10.00
10.10
D
6.55
6.65
E
2.65
2.75
F
1.55
1.65
G
1.15
1.25
H
0.55
0.65
I
2.50
2.60
J
3.00
3.20
K
1.10
1.20
L
0.55
0.65
M
4.40
4.60
N
1.15
1.25
O
3.35
3.45
P
2.65
2.75
Q
3.15
3.25
R
3.60
3.80


Similar Part No. - UFF30C60

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
UFF08A60 MOSPEC-UFF08A60 Datasheet
193Kb / 2P
Full Plastic Single Ultra-fast Power Rectifiers
logo
Frontier Electronics.
UFF100-005 FRONTIER-UFF100-005 Datasheet
67Kb / 2P
10A ULTRA FAST RECOVERY RECTIFIER
UFF100-005-LFR FRONTIER-UFF100-005-LFR Datasheet
132Kb / 2P
10A ULTRA FAST RECOVERY RECTIFIER
UFF100-005CT FRONTIER-UFF100-005CT Datasheet
132Kb / 2P
10A DUAL ULTRA FAST RECOVERY RECTIFIER
UFF100-005CT-LFR FRONTIER-UFF100-005CT-LFR Datasheet
132Kb / 2P
10A DUAL ULTRA FAST RECOVERY RECTIFIER
More results

Similar Description - UFF30C60

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
FRF0605 MOSPEC-FRF0605 Datasheet
68Kb / 3P
Switchmode Full Plastic Dual Fast Recovery Power Rectifiers
FRF1605 MOSPEC-FRF1605 Datasheet
76Kb / 2P
Switchmode Full Plastic Dual Fast Recovery Power Rectifiers
URAF0530 MOSPEC-URAF0530 Datasheet
198Kb / 2P
Switchmode Full Plastic Ultra-fast Power Rectifiers
URAF1530 MOSPEC-URAF1530 Datasheet
193Kb / 2P
Switchmode Full Plastic Ultra-fast Power Rectifiers
logo
Gulf Semiconductor
UGRP16D GULFSEMI-UGRP16D Datasheet
186Kb / 2P
Ultra fast Plastic Power Rectifiers
logo
Cystech Electonics Corp...
MUR440 CYSTEKEC-MUR440 Datasheet
271Kb / 3P
Ultra-fast Plastic Rectifiers
MURS140 CYSTEKEC-MURS140 Datasheet
290Kb / 6P
Ultra-fast Plastic Rectifiers
logo
Mospec Semiconductor
UFF08A60 MOSPEC-UFF08A60 Datasheet
193Kb / 2P
Full Plastic Single Ultra-fast Power Rectifiers
UFF15A60 MOSPEC-UFF15A60 Datasheet
204Kb / 2P
Full Plastic Single Ultra-fast Power Rectifiers
UFF16C60 MOSPEC-UFF16C60 Datasheet
201Kb / 2P
Full Plastic Single Ultra-fast Power Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com