Electronic Components Datasheet Search
  English  ▼

X  

PL620-88 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # PL620-88
Description  Low Phase Noise XO (9.5-65MHz Output)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL620-88 Datasheet(HTML) 2 Page - Micrel Semiconductor

  PL620-88 Datasheet HTML 1Page - Micrel Semiconductor PL620-88 Datasheet HTML 2Page - Micrel Semiconductor PL620-88 Datasheet HTML 3Page - Micrel Semiconductor PL620-88 Datasheet HTML 4Page - Micrel Semiconductor PL620-88 Datasheet HTML 5Page - Micrel Semiconductor PL620-88 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PL620-88/-89
Low Phase Noise XO (9.5-65MHz Output)
Micrel Inc. • 2180 Fortune Drive • S an Jose, CA 95131 • USA • tel +1(408) 944-0800 • fax +1(408) 474-1000 • www.micrel.com
Rev 4/28/09 Page 2
PACKAGE PIN ASSIGNMENT
Name
Pin#
Description
VDD
1
Power Supply.
XIN
2
Crystal input. See Crystal Specification on page 3.
XOUT
3
Crystal output. See Crystal Specification on page 3.
DNC
4, 7, 15, 16
Do Not Connect.
S2
5
Output Divide by Two selector pin. See the OUTPUT DIVIDE BY TWO
SELECTOR table on page 1.
OE
6
Output Enable input. See OUTPUT ENABLE LOGIC table on page 1.
GND
8, 9
Ground.
GNDBUF
10
Ground for output buffer circuitry.
Q
11
LVPECL or LVDS output.
VDDBUF
12
Power supply for output buffer circuitry.
QBAR
13
Complementary LVPECL or LVDS output.
GNDBUF
14
Ground for output buffer circuitry.
ELECTRICAL SPECIFICAT IONS
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN
MAX
UNITS
Supply Voltage
VDD
4.6
V
Input Voltage, dc
VI
-0.5
VDD+0.5
V
Output Voltage, dc
VO
-0.5
VDD+0.5
V
Storage Temperature
TS
-65
150
C
Ambient Operating Temperature
TA
-40
85
C
Junction Temperature
TJ
125
C
Lead Temperature (soldering, 10s)
260
C
ESD Protection, Human Body Model
2
kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for exten ded periods may cause permanent damage to the
device and affect product reliability. These conditions represent a stress rating only, and functional operations of the dev ice at these or any other
conditions above the operational limits noted in this specification is not implied.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com