Electronic Components Datasheet Search
  English  ▼

X  

PL602-38 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # PL602-38
Description  750kHz ??800MHz Low Phase Noise Multiplier XO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL602-38 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button PL602-38 Datasheet HTML 2Page - Micrel Semiconductor PL602-38 Datasheet HTML 3Page - Micrel Semiconductor PL602-38 Datasheet HTML 4Page - Micrel Semiconductor PL602-38 Datasheet HTML 5Page - Micrel Semiconductor PL602-38 Datasheet HTML 6Page - Micrel Semiconductor PL602-38 Datasheet HTML 7Page - Micrel Semiconductor PL602-38 Datasheet HTML 8Page - Micrel Semiconductor PL602-38 Datasheet HTML 9Page - Micrel Semiconductor PL602-38 Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
PL602-35/-37/-38/-39
750kHz
– 800MHz Low Phase Noise Multiplier XO
Universal Low Phase Noise IC’s
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 03/07/2012 Page 9
ORDERING INFORM ATION
For part ordering, please contact our Sales D epartment:
2180 Fortune Drive, San Jose, CA 95131, USA
Tel: (408) 944-0800 Fax: (408) 474-1000
PART NUMBER
The order number for this device is a combination of the following:
Part number, Package type, Operating temperature range, shipping method
PL602-3x X X - X
Part Number
Package Type
O=TSSOP-16L
Q=QFN-16L
Temperature
C=Commercial (0°C to 70°C)
None=Tube
R=Tape & Reel
Part/Order Number
Marking
Package Option
PL602-35OC
P602-35
OC
LLLLL
16-Pin TSSOP Tube
PL602-35OC-R
16-Pin TSSOP (Tape and Reel)
PL602-35QC-R
P602
35
LLL
16-Pin 3×3 QFN (Tape and Reel)
PL602-37OC
P602-37
OC
LLLLL
16-Pin TSSOP Tube
PL602-37OC-R
16-Pin TSSOP (Tape and Reel)
PL602-37QC-R
P602
37
LLL
16-Pin 3×3 QFN (Tape and Reel)
PL602-38OC
P602-38
OC
LLLLL
16-Pin TSSOP Tube
PL602-38OC-R
16-Pin TSSOP (Tape and Reel)
PL602-38QC-R
P602
38
LLL
16-Pin 3×3 QFN (Tape and Reel)
PL602-39OC
P602-39
OC
LLLLL
16-Pin TSSOP Tube
PL602-39OC-R
16-Pin TSSOP (Tape and Reel)
PL602-39QC-R
P602
39
LLL
16-Pin 3×3 QFN (Tape and Reel)
*Note:
“LLL” and “LLLLL” designates lot number



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com