Electronic Components Datasheet Search
  English  ▼

X  

PL560-38 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # PL560-38
Description  Analog Frequency Multiplier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL560-38 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button PL560-38 Datasheet HTML 7Page - Micrel Semiconductor PL560-38 Datasheet HTML 8Page - Micrel Semiconductor PL560-38 Datasheet HTML 9Page - Micrel Semiconductor PL560-38 Datasheet HTML 10Page - Micrel Semiconductor PL560-38 Datasheet HTML 11Page - Micrel Semiconductor PL560-38 Datasheet HTML 12Page - Micrel Semiconductor PL560-38 Datasheet HTML 13Page - Micrel Semiconductor PL560-38 Datasheet HTML 14Page - Micrel Semiconductor PL560-38 Datasheet HTML 15Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Analog Frequency Multiplier
PL56X-XX VCXO Family
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 11/04/11 Page 13
PACKAGE PIN DESCRIPTION AND ASSIGNMENT
2X AFM Package Pin Out
4X AFM Package Pin Out
PIN ASSIGNMENTS
Name
Pin# Type Product
Description
OSCOFFSEL
1
I
2X & 4X Set to “0” (GND) to choose to turn off the oscillator when outputs are
disabled (OE). Default (no connect) is OSC always on.
GNDOSC
2
P
2X & 4X GND connection for oscillator circuitry.
VCON
3
I
2X & 4X Control Voltage input. Use this pin to change the output frequency by
varying the applied Control Voltage.
XIN
4
I
2X & 4X Input from crystal oscillator circuitry.
XOUT
5
O
2X & 4X Output from crystal oscillator circuitry.
OE
6
I
2X & 4X Output Enable input (see "OE LOGIC SELECTION TABLE").
DNC
7
I
2X
Do Not Connect.
L4X
4X
External inductor connection. See INDUCTOR VALUE OPTIMIZATION on
page 5. This inductor is used with 4X AFMs.
GNDANA
8
P
2X
GND connection.
VDDOSC*
4X
VDD connection for oscillator circuitry.
GNDBUF
9
P
2X & 4X GND connection for output buffer circui try.
Q
10
O
2X & 4X PECL/LVDS or CMOS output.
QBAR
11
O
2X & 4X Complementary PECL/LVDS output or in phase CMOS.
VDDBUF*
12
P
2X & 4X VDD connection for output buffer circuitry.
VDDANA*
13
P
2X & 4X VDD connection for analog circuitry.
OESEL
14
I
2X & 4X Selector input to choose the OE control logic (see “OE SELECTION
TABLE”). Internal pull-down.
VDDOSC*
15
P
2X & 4X VDD connection for oscillator circuitry.
L2X
16
I
2X & 4X
External inductor connection. See INDUCTOR VALUE OPTIMIZATION on
page 5.
* All VDD pins should be separately decoupled whenever possible.
1
2
3
4
5
6
7
8
OSCOFFSEL
9
10
11
12
13
14
15
16
GNDOSC
VCON
XIN
XOUT
OE
L4X
VDDOSC
L2X
VDDOSC
OESEL
VDDANA
VDDBUF
QBAR
Q
GNDBUF
P560/5-0X
VDDOSC
OE
XOUT
L4X
1
2
3
4
12
11
10
9
13
14
15
16
8
7
6
5
OESEL
VDDANA
VDDOSC
L2X
1
2
3
4
5
6
7
8
OSCOFFSEL
9
10
11
12
13
14
15
16
GNDOSC
VCON
XIN
XOUT
OE
DNC
GNDANA
L2X
VDDOSC
OESEL
VDDANA
VDDBUF
QBAR
Q
GNDBUF
P560-4X
GNDANA
OE
XOUT
DNC
1
2
3
4
12
11
10
9
13
14
15
16
8
7
6
5
OESEL
VDDANA
VDDOSC
L2X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com