Electronic Components Datasheet Search
  English  ▼

X  

PL565-08 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # PL565-08
Description  Analog Frequency Multiplier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL565-08 Datasheet(HTML) 2 Page - Micrel Semiconductor

  PL565-08 Datasheet HTML 1Page - Micrel Semiconductor PL565-08 Datasheet HTML 2Page - Micrel Semiconductor PL565-08 Datasheet HTML 3Page - Micrel Semiconductor PL565-08 Datasheet HTML 4Page - Micrel Semiconductor PL565-08 Datasheet HTML 5Page - Micrel Semiconductor PL565-08 Datasheet HTML 6Page - Micrel Semiconductor PL565-08 Datasheet HTML 7Page - Micrel Semiconductor PL565-08 Datasheet HTML 8Page - Micrel Semiconductor PL565-08 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
(Preliminary)
Analog Frequency Multiplier
PL560/565-08 VCXO Family
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 6/22/11 Page 2
DIE SPECIFICATIONS
SCRIBE LINE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
Y
X
0,0
Die ID
PAD/PIN ASSIGNMENT AND DESCRIPTION (The X/Y coordinates indicate pad centers)
Name
Pad Assignment*
QFN
Pin #
Type
Description
Pad #
X (µm)
Y (µm)
L4X
1
-352
-557
7
I
External inductor connection
VDDOSC
2
-183
-557
8
P
VDD connection
GNDANA
3
+15
-557
9
P
GND connection
GNDANA
4
+144
-557
P
GND connection
GNDBUF
5
+292
-557
P
GND connection
GNDBUF
6
+469
-557
P
GND connection
GNDBUF
7
+502
-365
P
GND connection
PECLB
8
+502
-215
10
O
LVPECL complementary output
PECL
9
+502
-54
11
O
LVPECL output
VDDBUF
10
+502
+79
12
P
VDD connection
VDDBUF
11
+571
+236
P
VDD connection
VDDANA
12
+571
+413
13
P
VDD connection
N.C.
13
+377
+554
-
OESEL
14
+183
+554
14
I
OE style selection pin
VDDOSC
15
-57
+554
15
P
VDD connection
L2X
16
-214
+554
16
I
External inductor connection
OSCOFFSEL
17
-410
+554
1
I
Oscillator Off selection pin
GNDOSC
18
-572
+554
2
P
GND connection
VCON
19
-572
+394
3
I
Control voltage input
XIN
20
-572
+199
4
I
Crystal Input pad
XOUT
21
-572
-309
5
O
Crystal Output pad
OE
22
-572
-521
6
I
Output Enable input
* Note: Pad coordinates referenced to the center of the die.
Chip size, active area 1.414mm x 1.385mm
Chip thickness
200 ± 20µm
PAD size
80µm x 80µm
Scribe Line Dimension
X = 80µm
Y = 80µm
Chip Base
GND level
Die ID:
PL560-08DC
PL565-08DC
C561A 3222222
C561A 7777722



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com