Electronic Components Datasheet Search
  English  ▼

X  

PL123-09SC-R Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # PL123-09SC-R
Description  Low Skew Zero Delay Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL123-09SC-R Datasheet(HTML) 4 Page - Micrel Semiconductor

  PL123-09SC-R Datasheet HTML 1Page - Micrel Semiconductor PL123-09SC-R Datasheet HTML 2Page - Micrel Semiconductor PL123-09SC-R Datasheet HTML 3Page - Micrel Semiconductor PL123-09SC-R Datasheet HTML 4Page - Micrel Semiconductor PL123-09SC-R Datasheet HTML 5Page - Micrel Semiconductor PL123-09SC-R Datasheet HTML 6Page - Micrel Semiconductor PL123-09SC-R Datasheet HTML 7Page - Micrel Semiconductor PL123-09SC-R Datasheet HTML 8Page - Micrel Semiconductor PL123-09SC-R Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
PL123-05/-09
Low Skew Zero Delay Buffer
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 4/22/13
Page 4
ABSOLUTE MAXIMUM CONDITIONS
Supply Voltage to Ground Potential ...... –0.5V to 4.6V
DC Input Voltage ........................... VSS – 0.5V to 4.6V
Storage Temperature ........................ –65°C to 150°C
Junction Temperature………………………….. 150°C
Static Discharge Voltage
(per MIL-STD-883, Method 3015)…………..> 2000V
OPERATING CONDITIONS
Parameter
Description
Min.
Max.
Unit
VDD
Supply Voltage
3.0
3.6
V
TA
Commercial Operating Temperature (ambient temperature)
0
70
C
Industrial Operating Temperature (ambient temperature)
-40
85
C
CL
Load Capacitance, below 100 MHz
30
pF
Load Capacitance, above 100 MHz
10
pF
CIN
Input Capacitance
7
pF
tPU
Power-up time for all VDDs to reach minimum specified voltage
(power ramps must be monotonic)
0.05
250
ms
ELECTRICAL CHARACTERISTICS
Parameter
Description
Test Conditions
Min.
Max.
Unit
VIL
Input LOW Voltage
0.8
V
VIH
Input HIGH Voltage
2.5
V
IIL
Input LOW Current
VIN = 0V
50
µA
IIH
Input HIGH Current
VIN = VDD
100
µA
VOL
Output LOW Voltage[4]
IOL = 8 mA
IOL = 12 mA
0.4
V
VOH
Output HIGH Voltage[4]
IOH = –8 mA
IOL = –12 mA
2.4
V
IDD
Supply Current
(Unloaded Outputs)
66.67MHz with unloaded outputs
Commercial Temp.
32
mA
66.67MHz with unloaded outputs
Industrial Temp.
45
mA
Notes: 4. Parameter is guaranteed by design and characterization. Not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com