Electronic Components Datasheet Search
  English  ▼

X  

PL123-09HSC-R Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # PL123-09HSC-R
Description  Low Skew Zero Delay Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL123-09HSC-R Datasheet(HTML) 9 Page - Micrel Semiconductor

  PL123-09HSC-R Datasheet HTML 1Page - Micrel Semiconductor PL123-09HSC-R Datasheet HTML 2Page - Micrel Semiconductor PL123-09HSC-R Datasheet HTML 3Page - Micrel Semiconductor PL123-09HSC-R Datasheet HTML 4Page - Micrel Semiconductor PL123-09HSC-R Datasheet HTML 5Page - Micrel Semiconductor PL123-09HSC-R Datasheet HTML 6Page - Micrel Semiconductor PL123-09HSC-R Datasheet HTML 7Page - Micrel Semiconductor PL123-09HSC-R Datasheet HTML 8Page - Micrel Semiconductor PL123-09HSC-R Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
PL123-05/-09
Low Skew Zero Delay Buffer
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 4/22/13
Page 9
ORDERING INFORMATION
Micrel Inc., reserves the right to make changes in its products or specifications, or both at any time without notice. The information furnished by Mic rel
is believed to be accurate and reliable. However, Micrel makes no guarantee or warranty concerning the accuracy of said info rmation and shall not be
responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: Micrel’s products are not authorized for use as critical components in life support devices or syste ms without the express
written approval of the President of Micrel Inc.
For part ordering, please contact our Sales Department:
2180 Fortune Drive, San Jose, CA 95131, USA
Tel: (408) 944-0800 Fax: (408) 474-1000
PART NUMBER
The order number for this device is a combination of the following:
Part number, Package type and Operating temperature range
PL123-0x(H) X X - X
Part Number
H=High Drive
None = Standard Drive
Package Type
O=TSSOP
S=SOP
None=Tubes
R=Tape & Reel
Temperature Range
C=Commercial (0°C to 70°C)
I=Industrial (-40°C to 85°C)
Part/Order Number
(Commercial)
Marking*
(Commercial)
Part/Order Number
(Industrial)
Marking*
(Industrial)
Package Option
PL123-05SC
P12305
SC
LLLLL
PL123-05SI
P12305
SI
LLLLL
8-Pin SOP Tube
PL123-05SC-R
PL123-05SI-R
8-Pin SOP (Tape
and Reel)
PL123-05HSC
P12305H
SC
LLLLL
PL123-05HSI
P12305H
SI
LLLLL
8-Pin SOP Tube
PL123-05HSC-R
PL123-05HSI-R
8-Pin SOP (Tape
and Reel)
PL123-09OC
P12309
OC
LLLLL
PL123-09OI
P12309
OI
LLLLL
16-Pin TSSOP
Tube
PL123-09OC-R
PL123-09OI-R
16-Pin TSSOP
(Tape and Reel)
PL123-09HOC
P12309H
OC
LLLLL
PL123-09HOI
P12309H
OI
LLLLL
16-Pin TSSOP
Tube
PL123-09HOC-R
PL123-09HOI-R
16-Pin TSSOP
(Tape and Reel)
PL123-09SC
P12309
SC
LLLLL
PL123-09SI
P12309
SI
LLLLL
16-Pin SOP Tube
PL123-09SC-R
PL123-09SI-R
16-Pin SOP (Tape
and Reel)
PL123-09HSC
P12309H
SC
LLLLL
PL123-09HSI
P12309H
SI
LLLLL
16-Pin SOP Tube
PL123-09HSC-R
PL123-09HSI-R
16-Pin SOP (Tape
and Reel)
*Note: LLLLL designates lot number



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com