Electronic Components Datasheet Search
  English  ▼

X  

40D33 Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # 40D33
Description  D and DO fuse links and bases
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

40D33 Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  40D33 Datasheet HTML 1Page - Cooper Bussmann, Inc. 40D33 Datasheet HTML 2Page - Cooper Bussmann, Inc. 40D33 Datasheet HTML 3Page - Cooper Bussmann, Inc. 40D33 Datasheet HTML 4Page - Cooper Bussmann, Inc. 40D33 Datasheet HTML 5Page - Cooper Bussmann, Inc. 40D33 Datasheet HTML 6Page - Cooper Bussmann, Inc. 40D33 Datasheet HTML 7Page - Cooper Bussmann, Inc. 40D33 Datasheet HTML 8Page - Cooper Bussmann, Inc. 40D33 Datasheet HTML 9Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Technical Data 4124
Effective March 2015
Bussmann series
D and DO fuse links and bases
EATON www.eaton.com
Catalogue symbol - Type D fuse links
Fuse Link
Size
Time-Delay
Fast-acting
Ultra-rapid
DI
(amp)D16
(amp)D16Q
(amp)D16R
DII
(amp)D27
(amp)D27Q
(amp)D27R
DIII
(amp)D33
(amp)D33Q
(amp)D33R
DIV
(amp)D125
(amp)D125Q
(amp)D125R
DV
(amp)D200
(amp)D200Q
(amp)D200R
Fuse size:
•
E16 (DI)
•
E27 (DII)
•
E33 (DIII)
•
R1 ¼” (DIV)
•
R2 (DV)
Ratings:
•
Volts: 500 V a.c.
•
Amps: 2 to 200 A
•
Breaking capacity: 50 kA
Class of operation:
•
Time-delay
•
Fast-acting
•
Ultra-rapid
Standards/Approvals:
•
IEC 60269 and DIN 49515
Fuse bases and accessories (ordered separately)
•
Panel mount, DIN-Rail mounting, fuse carriers and gauge ring
(see details page 4)
Packaging:
•
D16: 20 per carton
•
D27 and D33: 25 per carton
•
D125 and D200: 10 per carton
Weight:
•
D16: 12 - 16 grams
•
D27: 27 - 30 grams
•
D33: 48 - 52 grams
•
D125: 105 - 109 grams
•
D200: 215 grams
Table 1. Technical data
Current
(Amps)
I2t
(Amp2 seconds)
Nominal watts
loss
2
33
1.5
4
52
1.6
6
100
1.8
10
160
1.4
16
460
2.1
20
1100
2.2
25
2000
3
35
4700
4.1
50
7800
5
63
12300
6.9
80
19000
N/A
100
29000
N/A
125
N/A
N/A
160
N/A
N/A
200
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com