Electronic Components Datasheet Search
  English  ▼

X  

MS6308 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MS6308
Description  Class AB stereo headphone driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MS6308 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MS6308 Datasheet HTML 1Page - List of Unclassifed Manufacturers MS6308 Datasheet HTML 2Page - List of Unclassifed Manufacturers MS6308 Datasheet HTML 3Page - List of Unclassifed Manufacturers MS6308 Datasheet HTML 4Page - List of Unclassifed Manufacturers MS6308 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MOSA ELECTRONICS
MS6308
Class AB stereo
headphone driver
- 3 -
www.mosanalog.com.tw
APPLICATION INFORMATION
MS6308
1
2
3
3.9k
V
REF
3.9k
3.9k
3.9k
7
5
6
(typ. 2.5V)
R
L
V
OA
8
4
100uF
100uF
V
iB
V
iA
V
DD
V
OB
R
L
100uF
10uF
10uF
F
FF
Fig.2
Measurement circuit, inverting application
ig.2
Measurement circuit, inverting application
ig.2
Measurement circuit, inverting application
ig.2
Measurement circuit, inverting application
Basic application example
A typical example of a CD-application with the MS6311 is shown in Fig.3. It features typical decoupling components
and a second-order analog post-filter (smoothing filter) stage providing a line output.
BCK
WS
DATA
GND
VoR
n.c.
VoL
V
DD
MS6311
50k
MS6308
50k
420pF
10Ω
V
DD
47uF
100nF
50k
MS6308
50k
420pF
100nF
100nF
1
2
3
45
6
7
8
Headphone
(32Ω)
Headphone
(32Ω)
Fig.3
Example of a 2nd order filter application.
Note :
No external capacitor loading is allowed at the output pins 6 and 8.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com