Electronic Components Datasheet Search
  English  ▼

X  

2D16R Datasheet(PDF) 8 Page - Cooper Bussmann, Inc.

Part # 2D16R
Description  D and DO fuse links and bases
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

2D16R Datasheet(HTML) 8 Page - Cooper Bussmann, Inc.

Back Button 2D16R Datasheet HTML 4Page - Cooper Bussmann, Inc. 2D16R Datasheet HTML 5Page - Cooper Bussmann, Inc. 2D16R Datasheet HTML 6Page - Cooper Bussmann, Inc. 2D16R Datasheet HTML 7Page - Cooper Bussmann, Inc. 2D16R Datasheet HTML 8Page - Cooper Bussmann, Inc. 2D16R Datasheet HTML 9Page - Cooper Bussmann, Inc. 2D16R Datasheet HTML 10Page - Cooper Bussmann, Inc. 2D16R Datasheet HTML 11Page - Cooper Bussmann, Inc. 2D16R Datasheet HTML 12Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Technical Data 4124
Effective March 2015
Bussmann series
D and DO fuse links and bases
EATON www.eaton.com
Catalogue symbol - Type DO fuse links
Fuse link size
Time-delay
Ultra-rapid
D01
(amp)NZ01
(amp)NZ01R
D02
(amp)NZ02
(amp)NZ02R
D03
(amp)NZ03
N/A
Fuse size:
•
D01, D02 and D03
Technical data:
•
Volts: 400 V a.c.
•
Amps: 2 to 100 A
•
Breaking capacity: 50 kA
Operation class
•
Time-delay
•
Ultra-rapid
Standards/Approvals:
•
IEC 60269 and DIN 49515
Fuse bases and accessories (ordered separately)
•
CN01, CN02 and CN03 screw cap fuse link carriers
•
FRN01C and FRN02C single pole base
•
TFRN01C and TFRN02C three pole base
•
GN01 and GN02 gauge pieces
•
D0-GPK gauge piece key
Packaging:
•
10 per carton
Weight:
•
NZ01: 6 grams
•
NZ02: 11 - 15 grams
•
NZ03: 35 grams
Table 7. Technical data
Current (Amps)
I2t (Amp2 seconds)
Nominal watts loss
2
33
0.8
4
52
1.1
6
100
1.2
10
160
1.1
16
460
1.7
20
1100
1.7
25
2000
2.3
35
4700
2.8
50
7800
3.8
63
12300
5
Dimensions - mm
See catalogue numbers table for dimension
A.
Use with fuse
base E14
Use with fuse
base E18
Table 8. Type D0 fuse link catalogue numbers
Fuse linki catalogue numbers/operating
characteristics
Gauge ring colour
To fit screw cap/
fuse size
Current (Amps)
Voltage (V a.c.)
 A dimensions
Time-delay
Ultra-rapid
2NZ01
2NZ01R
Pink
CN01/D01
2
400
7.3
4NZ01
4NZ01R
Brown
CN01/D01
4
400
7.3
6NZ01
6NZ01R
Green
CN01/D01
6
400
7.3
10NZ01
10NZ01R
Red
CN01/D01
10
400
8.5
16NZ01
16NZ01R
Grey
CN01/D01
16
400
9.7
20NZ02
20NZ02R
Blue
CN02/D02
20
400
10.9
25NZ02
25NZ02R
Yellow
CN02/D02
25
400
12.1
35NZ02
35NZ02R
Black
CN02/D02
35
400
13.3
50NZ02
50NZ02R
White
CN02/D02
50
400
14.5
63NZ02
63NZ02R
Copper
CN02/D02
63
400
15.9
80NZ03
-
Silver
CN03/D03
80
400
21.4
100NZ03
-
Red
CN03/D03
100
400
21.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com