Electronic Components Datasheet Search
  English  ▼

X  

4D27R Datasheet(PDF) 10 Page - Cooper Bussmann, Inc.

Part # 4D27R
Description  D and DO fuse links and bases
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

4D27R Datasheet(HTML) 10 Page - Cooper Bussmann, Inc.

Back Button 4D27R Datasheet HTML 4Page - Cooper Bussmann, Inc. 4D27R Datasheet HTML 5Page - Cooper Bussmann, Inc. 4D27R Datasheet HTML 6Page - Cooper Bussmann, Inc. 4D27R Datasheet HTML 7Page - Cooper Bussmann, Inc. 4D27R Datasheet HTML 8Page - Cooper Bussmann, Inc. 4D27R Datasheet HTML 9Page - Cooper Bussmann, Inc. 4D27R Datasheet HTML 10Page - Cooper Bussmann, Inc. 4D27R Datasheet HTML 11Page - Cooper Bussmann, Inc. 4D27R Datasheet HTML 12Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Technical Data 4124
Effective March 2015
Bussmann series
D and DO fuse links and bases
EATON www.eaton.com
Accessories for type DO Fuse links
Table 9. Fuse cap fuse link carriers
Screws into fuse base.
Fuse link
size
Catalogue
number
Pack qty
MOQ
D01
CN01
20
20
D02
CN02
20
20
D03
CN03
20
20
Table 10. Screw cap gauge pieces
Fuse rating rejection insert to prevent incorrect fuse rating from being installed.
Dimensions
Fuse link
size
Catalogue
number
Colour
Current
(Amps)
Base
type
Pack
qty
MOQ
A
B
D01
2GN01
Pink
2
E14
50
50
7.9
12
D01
4GN01
Brown
4
E14
50
50
7.9
12
D01
6GN01
Green
6
E14
50
50
7.9
12
D01
10GN01
Red
10
E14
50
50
9.1
12
D02
2GN02*
Pink
2
E18
50
50
7.9
16.6
D02
4GN02*
Brown
4
E18
50
50
7.9
16.6
D02
6GN02*
Green
6
E18
50
50
7.9
16.6
D02
10GN02*
Red
10
E18
50
50
9.1
16.6
D02
16GN02*
Grey
16
E18
50
50
10.3
16.6
D02
20GN02
Blue
20
E18
50
50
11.5
16.6
D02
25GN02
Yellow
25
E18
50
50
12.7
16.6
D02
35GN02
Black
35
E18
50
50
13.9
16.6
D02
50GN02
White
50
E18
50
50
15.1
16.6
16GN02
CN01
FN01C
Fuse carrier/cap
Dimensions - mm
Dimensions - mm
* For using fuse links D01 and fuse bases D02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com