Electronic Components Datasheet Search
  English  ▼

X  

MSC1211 Datasheet(PDF) 2 Page - Texas Instruments

Part # MSC1211
Description  Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs) with 8051 Microcontroller and Flash Memory
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1211 Datasheet(HTML) 2 Page - Texas Instruments

  MSC1211 Datasheet HTML 1Page - Texas Instruments MSC1211 Datasheet HTML 2Page - Texas Instruments MSC1211 Datasheet HTML 3Page - Texas Instruments MSC1211 Datasheet HTML 4Page - Texas Instruments MSC1211 Datasheet HTML 5Page - Texas Instruments MSC1211 Datasheet HTML 6Page - Texas Instruments MSC1211 Datasheet HTML 7Page - Texas Instruments MSC1211 Datasheet HTML 8Page - Texas Instruments MSC1211 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 105 page
background image
MSC1211, MSC1212
MSC1213,MSC1214
SBAS323D − JUNE 2004 − REVISED SEPTEMBER 2005
www.ti.com
2
PACKAGE/ORDERING INFORMATION(1)
PRODUCT
FLASH
MEMORY
16-BIT
DACS
I2C
PACKAGE-LEAD
PACKAGE
DESIGNATOR
SPECIFIED
TEMPERATURE
RANGE
PACKAGE
MARKING
MSC1211Y2
4k
4
Y
TQFP-64
PAG
−40
°C to +125°C
MSC1211Y2
MSC1211Y3
8k
4
Y
TQFP-64
PAG
−40
°C to +125°C
MSC1211Y3
MSC1211Y4
16k
4
Y
TQFP-64
PAG
−40
°C to +125°C
MSC1211Y4
MSC1211Y5
32k
4
Y
TQFP-64
PAG
−40
°C to +125°C
MSC1211Y5
MSC1212Y2
4k
4
N
TQFP-64
PAG
−40
°C to +125°C
MSC1212Y2
MSC1212Y3
8k
4
N
TQFP-64
PAG
−40
°C to +125°C
MSC1212Y3
MSC1212Y4
16k
4
N
TQFP-64
PAG
−40
°C to +125°C
MSC1212Y4
MSC1212Y5
32k
4
N
TQFP-64
PAG
−40
°C to +125°C
MSC1212Y4
MSC1213Y2
4k
2
Y
TQFP-64
PAG
−40
°C to +125°C
MSC1213Y2
MSC1213Y3
8k
2
Y
TQFP-64
PAG
−40
°C to +125°C
MSC1213Y3
MSC1213Y4
16k
2
Y
TQFP-64
PAG
−40
°C to +125°C
MSC1213Y4
MSC1213Y5
32k
2
Y
TQFP-64
PAG
−40
°C to +125°C
MSC1213Y5
MSC1214Y2
4k
2
N
TQFP-64
PAG
−40
°C to +125°C
MSC1214Y2
MSC1214Y3
8k
2
N
TQFP-64
PAG
−40
°C to +125°C
MSC1214Y3
MSC1214Y4
16k
2
N
TQFP-64
PAG
−40
°C to +125°C
MSC1214Y4
MSC1214Y5
32k
2
N
TQFP-64
PAG
−40
°C to +125°C
MSC1214Y5
(1) For the most current package and ordering information, see the Package Option Addendum located at the end of this datasheet, or refer to our
web site at www.ti.com.
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate
precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to
damage because very small parametric changes could cause the device not to meet its published specifications.
ABSOLUTE MAXIMUM RATINGS(1)
MSC1211/12/13/14
UNITS
Analog Inputs
Input current
Momentary
100
mA
Input current
Continuous
10
mA
Input voltage
AGND − 0.3 to AVDD + 0.3
V
Power Supply
DVDD to DGND
−0.3 to +6
V
AVDD to AGND
−0.3 to +6
V
AGND to DGND
−0.3 to +0.3
V
VREF to AGND
−0.3 to AVDD + 0.3
V
Digital input voltage to DGND
−0.3 to DVDD + 0.3
V
Digital output voltage to DGND
−0.3 to DVDD + 0.3
V
Maximum junction temperature (TJ Max)
+150
°C
Operating temperature range
−40 to +125
°C
Storage temperature range
−65 to +150
°C
Lead temperature (soldering, 10s)
+235
°C
Junction to ambient (
qJA)
High K (2s 2p)
48.9
°C/W
Thermal resistance
Junction to ambient (
qJA)
Low K (1s)
72.9
°C/W
Thermal resistance
Junction to case (
qJC)
12.2
°C/W
Package power dissipation
(TJ Max − TAMBIENT)/qJA
W
Output current, all pins
200
mA
Output pin short-circuit
10
s
Digital Outputs
Output current
Continuous
100
mA
I/O source/sink current
100
mA
Power pin maximum
300
mA
(1) Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to absolute maximum conditions for
extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com